Electronic Components Datasheet Search
  English  ▼

X  

ADAQ8088BBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADAQ8088BBCZ
Description  Dual-, Differential, Low-Pass Filter 關Module with Gain and ADC Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ8088BBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADAQ8088BBCZ Datasheet HTML 4Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 5Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 6Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 7Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 8Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 9Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 10Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 11Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ADAQ8088
Data Sheet
Rev. 0 | Page 8 of 14
0
–120
–60
–80
–100
–40
–20
060
50
40
30
20
10
FREQUENCY (MHz)
ADAQ8088 DRIVING AD9681
FFT OF Q CHANNEL
NO I INPUT
NO Q INPUT
Figure 15. Noise Floor
0
–120
–60
–80
–100
–40
–20
060
50
40
30
20
10
FREQUENCY (MHz)
ADAQ8088 DRIVING AD9681
FFT OF Q CHANNEL
NO Q INPUT
I INPUT 6MHz, 63mV p-p
–56dBFS
Figure 16. Amplitude Aggressor
0
–120
–60
–80
–100
–40
–20
060
50
40
30
20
10
FREQUENCY (MHz)
ADAQ8088 DRIVING AD9681
FFT OF Q CHANNEL
Q INPUT 6MHz, 63mV p-p
I INPUT 7MHz, 63mV p-p
–0.3dBFS
–55dBFS
Figure 17. Frequency Aggressor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com