Electronic Components Datasheet Search
  English  ▼

X  

ADAQ8088BBCZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADAQ8088BBCZ
Description  Dual-, Differential, Low-Pass Filter 關Module with Gain and ADC Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ8088BBCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADAQ8088BBCZ Datasheet HTML 6Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 7Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 8Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 9Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 10Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 11Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 12Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 13Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ADAQ8088
Data Sheet
Rev. 0 | Page 12 of 14
VCMA
RA12
RA11
RB11
RB12
VCMB
VOUTAP
RA21
VCC
RA22
VOUTAN
VINAP
VINAN
VOUTBP
VOUTBN
VINBP
VINBN
RB21
RB22
ADAQ8088
ADC
(UP TO
150MSPS)
ADC
(UP TO
150MSPS)
DRIVER
DRIVER
HIGH
SPEED
DAC
I-TO-V
AMP
HV
AMP
LNA
LNA
8TH
ORDER
FILTER
8TH
ORDER
FILTER
BUILT-IN SUPPLY
DECOUPLING
CAPACITOR
ARRAY OF RECEIVER CHANNELS
DSP
(FPGA)
REFERENCE AND
CLOCK FOR ADC/DAC
OUTPUT
VIDEO
ENCODER
(DISPLAY,
USB,
ETHERNET)
HIGH VOLTAGE
T/R SWITCH
UP TO
36MHz
TRANSDUCER
ARRAY
ULTRASONIC
Figure 22. Ultrasonic Non-Destructive Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com