Electronic Components Datasheet Search
  English  ▼

X  

ADAQ8088BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADAQ8088BBCZ
Description  Dual-, Differential, Low-Pass Filter 關Module with Gain and ADC Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ8088BBCZ Datasheet(HTML) 1 Page - Analog Devices

  ADAQ8088BBCZ Datasheet HTML 1Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 2Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 3Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 4Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 5Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 6Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 7Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 8Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Dual-, Differential, Low-Pass Filter
μModule with Gain and ADC Driver
Data Sheet
ADAQ8088
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2021 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Dual-channel differential input/output
Integrated 36 MHz, 8-pole low-pass filter
Low power dissipation
213 mW typical at 3 V supply
2 integrated fully differential ADC drivers
30 dB maximum differential gain
Adjustable down to 14 dB
Gain error: ±0.2 dB
Gain drift: 0.01 dB/
C typical
2.7 V to 3.3 V supply range
84-ball, 6 mm × 12 mm CSP_BGA package with 0.8 mm ball
pitch
Operating temperature range: −40°C to +85°C
Built-in supply decoupling capacitors
APPLICATIONS
IF broadband demodulators
Medical imaging (CW ultrasound beam forming)
Phased array systems
Radar
Adaptive antennas
Communications receivers
Radio Links
Wireless local loop
IF broadband demodulators
RF instrumentation
Satellite modems
Baseband data acquisition system
Multichannel digitizer instruments
Ultrasonic non-destructive test
FUNCTIONAL BLOCK DIAGRAM
VCMA
RA12
RA11
RB11
RB11
VCMB
VOUTAP
RA21
VCC
RA22
VOUTAN
VINAP
VINAN
VOUTBP
VOUTBN
VINBP
VINBN
RB21
GND
RB22
BUILT-IN SUPPLY
DECOUPLING
CAPACITOR
ADAQ8088
Figure 1.
GENERAL DESCRIPTION
The ADAQ8088 is a dual-channel analog system in package
(SIP) that integrates three common signal processing and
conditioning blocks to support a variety of demodulator
applications and data acquisition applications. The device
integrates all active and passive components to form a complete
signal chain between the output of an I/Q demodulator and the
input to an analog-to-digital converter (ADC). The device also
forms the complete signal chain between a transducer output
and the input to an ADC in baseband data acquisition systems.
No external components are required for proper functionality.
Each channel contains a preamplifier, followed by an 8-pole,
low-pass filter with a 36 MHz, 3 dB frequency and a differential
ADC driver optimized to drive 12-bit to 14-bit pipeline ADCs
with speeds up to 150 MSPS. Encapsulated in a 6 mm × 12 mm
CSP_BGA package, the ADAQ8088 minimizes space
requirements in high density multichannel systems.
The ADAQ8088 operating temperature range is from −40°C
to +85°C.


Similar Part No. - ADAQ8088BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAQ23875 AD-ADAQ23875 Datasheet
650Kb / 23P
16-Bit, 15 MSPS, 關Module Data Acquisition Solution
11/2020-Revision 0
ADAQ23875BBCZ AD-ADAQ23875BBCZ Datasheet
650Kb / 23P
16-Bit, 15 MSPS, 關Module Data Acquisition Solution
11/2020-Revision 0
ADAQ23876 AD-ADAQ23876 Datasheet
3Mb / 37P
16-Bit, 15 MSPS, 關Module Data Acquisition Solution
1/2022-Revision 0
ADAQ23876BBCZ AD-ADAQ23876BBCZ Datasheet
3Mb / 37P
16-Bit, 15 MSPS, 關Module Data Acquisition Solution
1/2022-Revision 0
ADAQ23878 AD-ADAQ23878 Datasheet
5Mb / 37P
18-Bit, 15 MSPS, 關Module Data Acquisition Solution
12/2021-Revision 0
More results

Similar Description - ADAQ8088BBCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59118 INTERSIL-ISL59118 Datasheet
314Kb / 10P
Dual Video Driver with Low Pass Filter
September 22, 2006
logo
Linear Technology
LT6411 LINER-LT6411 Datasheet
361Kb / 16P
650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
logo
Hittite Microwave Corpo...
HMC900LP5E HITTITE-HMC900LP5E Datasheet
1Mb / 26P
50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
logo
Linear Technology
LT6411 LINER-LT6411_15 Datasheet
367Kb / 16P
650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
logo
Analog Devices
AD8476 AD-AD8476_16 Datasheet
572Kb / 25P
Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
REV. B
logo
Linear Technology
LTC6419 LINER-LTC6419 Datasheet
269Kb / 6P
Dual Differential Amplifier/ADC Driver
logo
Renesas Technology Corp
ISL59118 RENESAS-ISL59118 Datasheet
592Kb / 10P
Dual Video Driver with Low Pass Filter
logo
Analog Devices
HMC900LP5E AD-HMC900LP5E Datasheet
1Mb / 26P
50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
HMC1023LP5E AD-HMC1023LP5E Datasheet
1Mb / 34P
72 MHz DUAL PROGRAMMABLE LOW PASS FILTER WITH DRIVER
ADL5580 AD-ADL5580 Datasheet
783Kb / 22P
Fully Differential, 10 GHz ADC Driver with 10 dB Gain
12/2020-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com