Electronic Components Datasheet Search
  English  ▼

X  

ADAQ8088BBCZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADAQ8088BBCZ
Description  Dual-, Differential, Low-Pass Filter 關Module with Gain and ADC Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ8088BBCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADAQ8088BBCZ Datasheet HTML 2Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 3Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 4Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 5Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 6Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 7Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 8Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 9Page - Analog Devices ADAQ8088BBCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ADAQ8088
Data Sheet
Rev. 0 | Page 6 of 14
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 3 V; VCM is floating, typically 1.25 V; RLOAD = 1 kΩ ;T = 25°C, inputs and outputs are measured differentially, unless otherwise noted.
–22
–8
–10
–12
–14
–16
–18
–20
INPUT (dBm)
10MHz
1MHz
30.5
26.5
27.0
27.5
28.0
28.5
29.0
30.0
29.5
Figure 3. Gain vs. Input Power, Input Frequency at 1 MHz and 10 MHz
5.5
0
1.0
2.0
3.0
1.5
2.5
3.5
4.0
5.0
4.5
–22
–8
–10
–12
–14
–16
–18
–20
INPUT (dBm)
10MHz
1MHz
Figure 4. VOUT vs. Input Power with Gain Set to 30 dB, Input Frequency at
1 MHz and 10 MHz
36
–36
–30
–6
6
–18
–24
–12
0
12
18
30
24
0.1
100
10
1
FREQUENCY (MHz)
CHANNEL Q
CHANNEL I
Figure 5. Frequency Response, Input = −20 dBm
0.5
–3.5
–3.0
–2.0
–2.5
–1.5
–1.0
0
–0.5
–22
–8
–10
–12
–14
–16
–18
–20
INPUT (dBm)
10MHz
1MHz
Figure 6. Normalized Gain vs. Input Power, Input Frequency at 1 MHz and 10 MHz
21
8
10
13
12
9
11
14
16
20
18
15
19
17
–22
–8
–10
–12
–14
–16
–18
–20
INPUT (dBm)
10MHz = –12.25, 16.59680209
1MHz = –12.25, 16.59680209
10MHz = –12.20, 17.753
1MHz = –12.20, 17.753
Figure 7. 1 dB Gain Compression with Gain Set to 30 dB, Input Frequency at
1 MHz and 10 MHz
30.5
26.0
27.0
28.0
26.5
27.5
28.5
29.0
30.0
29.5
0.1
100
10
1
FREQUENCY (MHz)
CHANNEL Q
CHANNEL I
Figure 8. Gain Flatness, Input = −20 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com