| Electronic Components Datasheet Search |
|
ATMEGA640 Datasheet(PDF) 214 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATMEGA640 Datasheet(HTML) 214 Page - Microchip Technology |
|
214 / 436 page ![]() 214 ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET] DS40002211A Figure 22-5. Start Bit Sampling When the clock recovery logic detects a high (idle) to low (start) transition on the RxDn line, the start bit detection sequence is initiated. Let sample 1 denote the first zero-sample as shown in the figure. The clock recovery logic then uses samples 8, 9, and 10 for Normal mode, and samples 4, 5, and 6 for Double Speed mode (indicated with sample numbers inside boxes on the figure), to decide if a valid start bit is received. If two or more of these three samples have logical high levels (the majority wins), the start bit is rejected as a noise spike and the Receiver starts looking for the next high to low-transition. If however, a valid start bit is detected, the clock recovery logic is synchronized and the data recovery can begin. The synchronization process is repeated for each start bit. 22.8.2 Asynchronous Data Recovery When the receiver clock is synchronized to the start bit, the data recovery can begin. The data recovery unit uses a state machine that has 16 states for each bit in Normal mode and eight states for each bit in Double Speed mode. Figure 22-6 shows the sampling of the data bits and the parity bit. Each of the samples is given a number that is equal to the state of the recovery unit. Figure 22-6. Sampling of Data and Parity Bit The decision of the logic level of the received bit is taken by doing a majority voting of the logic value to the three samples in the center of the received bit. The center samples are emphasized on the figure by having the sample number inside boxes. The majority voting process is done as follows: If two or all three samples have high levels, the received bit is registered to be a logic 1. If two or all three samples have low levels, the received bit is regis- tered to be a logic 0. This majority voting process acts as a low pass filter for the incoming signal on the RxDn pin. The recovery process is then repeated until a complete frame is received. Including the first stop bit. Note that the Receiver only uses the first stop bit of a frame. Figure 22-7 shows the sampling of the stop bit and the earliest possible beginning of the start bit of the next frame. Figure 22-7. Stop Bit Sampling and Next Start Bit Sampling 12 34 56 7 8 9 10 11 12 13 14 15 16 12 START IDLE 0 0 BIT 0 3 123 4 5 678 12 0 RxD Sample (U2X = 0) Sample (U2X = 1) 12 34 56 7 8 9 10 11 12 13 14 15 16 1 BIT n 123 4 5 678 1 RxD Sample (U2X = 0) Sample (U2X = 1) 12 34 56 7 8 9 10 0/1 0/1 0/1 STOP 1 123 4 5 6 0/1 RxD Sample (U2X = 0) Sample (U2X = 1) (A) (B) (C) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |