Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 215 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 215 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 211Page - Microchip Technology ATMEGA640 Datasheet HTML 212Page - Microchip Technology ATMEGA640 Datasheet HTML 213Page - Microchip Technology ATMEGA640 Datasheet HTML 214Page - Microchip Technology ATMEGA640 Datasheet HTML 215Page - Microchip Technology ATMEGA640 Datasheet HTML 216Page - Microchip Technology ATMEGA640 Datasheet HTML 217Page - Microchip Technology ATMEGA640 Datasheet HTML 218Page - Microchip Technology ATMEGA640 Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 436 page
background image
215
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
The same majority voting is done to the stop bit as done for the other bits in the frame. If the stop bit is registered to
have a logic 0 value, the Frame Error (FEn) Flag will be set.
A new high to low transition indicating the start bit of a new frame can come right after the last of the bits used for
majority voting. For Normal Speed mode, the first low level sample can be at point marked (A) in Figure 22-7 on
page 214. For Double Speed mode the first low level must be delayed to (B). (C) marks a stop bit of full length. The
early start bit detection influences the operational range of the Receiver.
22.8.3
Asynchronous Operational Range
The operational range of the Receiver is dependent on the mismatch between the received bit rate and the inter-
nally generated baud rate. If the Transmitter is sending frames at too fast or too slow bit rates, or the internally
generated baud rate of the Receiver does not have a similar (see Table 22-2) base frequency, the Receiver will not
be able to synchronize the frames to the start bit.
The following equations can be used to calculate the ratio of the incoming data rate and internal receiver baud rate.
D
Sum of character size and parity size (D = 5 to 10 bit).
S
Samples per bit. S = 16 for Normal Speed mode and S = 8 for Double Speed mode.
SF
First sample number used for majority voting. SF = 8 for normal speed and SF = 4 for Double Speed
mode.
SM
Middle sample number used for majority voting. SM = 9 for normal speed and SM = 5 for Double
Speed mode.
Rslow
is the ratio of the slowest incoming data rate that can be accepted in relation to the receiver baud
rate. Rfast is the ratio of the fastest incoming data rate that can be accepted in relation to the receiver baud rate.
Table 22-2 and Table 22-3 on page 216 list the maximum receiver baud rate error that can be tolerated. Note that
Normal Speed mode has higher toleration of baud rate variations.
Table 22-2.
Recommended Maximum Receiver Baud Rate Error for Normal Speed Mode (U2Xn = 0)
D
# (Data+Parity Bit)
Rslow (%)
Rfast (%)
Max. total error (%)
Recommended max.
receiver error (%)
5
93.20
106.67
+6.67/-6.8
±3.0
6
94.12
105.79
+5.79/-5.88
±2.5
7
94.81
105.11
+5.11/-5.19
±2.0
8
95.36
104.58
+4.58/-4.54
±2.0
9
95.81
104.14
+4.14/-4.19
±1.5
10
96.17
103.78
+3.78/-3.83
±1.5
Rslow
D 1
+
S
S 1
–
DS
SF
++
-------------------------------------------
=
Rfast
D 2
+
S
D 1
+
SS
M
+
-----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com