Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 173 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 173 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 169Page - Microchip Technology ATMEGA640 Datasheet HTML 170Page - Microchip Technology ATMEGA640 Datasheet HTML 171Page - Microchip Technology ATMEGA640 Datasheet HTML 172Page - Microchip Technology ATMEGA640 Datasheet HTML 173Page - Microchip Technology ATMEGA640 Datasheet HTML 174Page - Microchip Technology ATMEGA640 Datasheet HTML 175Page - Microchip Technology ATMEGA640 Datasheet HTML 176Page - Microchip Technology ATMEGA640 Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 436 page
background image
173
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
20.4.3
Fast PWM Mode
Figure 20-4. Fast PWM Mode, Timing Diagram
The Timer/Counter Overflow Flag (TOV2) is set each time the counter reaches TOP. If the interrupt is enabled, the
interrupt handler routine can be used for updating the compare value.
In fast PWM mode, the compare unit allows generation of PWM waveforms on the OC2x pin. Setting the
COM2x1:0 bits to two will produce a non-inverted PWM and an inverted PWM output can be generated by setting
the COM2x1:0 to three. TOP is defined as 0xFF when WGM2:0 = 3, and OCR2A when WGM2:0 = 7 (see Table
20-3 on page 182). The actual OC2x value will only be visible on the port pin if the data direction for the port pin is
set as output. The PWM waveform is generated by setting (or clearing) the OC2x Register at the compare match
between OCR2x and TCNT2, and clearing (or setting) the OC2x Register at the timer clock cycle the counter is
cleared (changes from TOP to BOTTOM).
The PWM frequency for the output can be calculated by the following equation:
The N variable represents the prescale factor (1, 8, 32, 64, 128, 256, or 1024).
The extreme values for the OCR2A Register represent special cases when generating a PWM waveform output in
the fast PWM mode. If the OCR2A is set equal to BOTTOM, the output will be a narrow spike for each MAX+1
timer clock cycle. Setting the OCR2A equal to MAX will result in a constantly high or low output (depending on the
polarity of the output set by the COM2A1:0 bits).
A frequency (with 50% duty cycle) waveform output in fast PWM mode can be achieved by setting OC2x to toggle
its logical level on each compare match (COM2x1:0 = 1). The waveform generated will have a maximum frequency
of foc2 = fclk_I/O/2 when OCR2A is set to zero. This feature is similar to the OC2A toggle in CTC mode, except the
double buffer feature of the Output Compare unit is enabled in the fast PWM mode.
20.4.4
Phase Correct PWM Mode
The phase correct PWM mode (WGM22:0 = 1 or 5) provides a high resolution phase correct PWM waveform gen-
eration option. The phase correct PWM mode is based on a dual-slope operation. The counter counts repeatedly
from BOTTOM to TOP and then from TOP to BOTTOM. TOP is defined as 0xFF when WGM22:0 = 1, and OCR2A
when MGM22:0 = 5. In non-inverting Compare Output mode, the Output Compare (OC2x) is cleared on the com-
pare match between TCNT2 and OCR2x while upcounting, and set on the compare match while downcounting. In
inverting Output Compare mode, the operation is inverted. The dual-slope operation has lower maximum operation
TCNTn
OCRnx Update and
TOVn Interrupt Flag Set
1
Period
2
3
OCnx
OCnx
(COMnx1:0 = 2)
(COMnx1:0 = 3)
OCRnx Interrupt Flag Set
4
5
6
7
fOCnxPWM
fclk_I/O
N 256
------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com