Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 5 Page - Analog Devices

Part # LTM4664
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 5 Page - Analog Devices

  LTM4664 Datasheet HTML 1Page - Analog Devices LTM4664 Datasheet HTML 2Page - Analog Devices LTM4664 Datasheet HTML 3Page - Analog Devices LTM4664 Datasheet HTML 4Page - Analog Devices LTM4664 Datasheet HTML 5Page - Analog Devices LTM4664 Datasheet HTML 6Page - Analog Devices LTM4664 Datasheet HTML 7Page - Analog Devices LTM4664 Datasheet HTML 8Page - Analog Devices LTM4664 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 132 page
background image
LTM4681
5
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel (Note 4). TA = 25°C, VIN = 12V, RUNn = 3.3V,
RUNP = 0, FREQUENCY_SWITCH = 350kHz and VOUTn commanded to 1.000V unless otherwise noted. Configured with factory-default
EEPROM settings and per Test Circuit 1, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VINnn
Input DC Voltage
Test Circuit 1
Test Circuit 2; VIN_OFF < VIN_ON = 4V
l
l
5.75
4.5
16
5.75
V
V
VOUTn
Range of Output Voltage Regulation
for Each Channel
VOUTn Differentially Sensed on VOSNSn+/VOSNSn– Pin-Pair;
Commanded by Serial Bus or with Resistors Present at
Start-Up on VOUTn_CFG
l
0.5
3.34
V
V
VOUTn(DC)
Output Voltage, Total Variation with
Line and Load for Each Channel
Digital Servo Engaged (MFR_PWM_MODEn[6] = 1b)
Digital Servo Disengaged (MFR_PWM_MODEn[6] = 0b)
VOUTn Commanded to 1.000V, VOUTn Low Range
(MFR_PWM_MODEn[1] = 1b) (Notes 5, 6)
l
0.995
0.985
1.000
1.000
1.005
1.015
V
V
VUVLO
Undervoltage Lockout Threshold,
When VIN < 4.3V
VINTVCC_nn Falling
VINTVCC_nn Rising
3.55
3.90
V
V
Input Specifications
IINRUSH(VINn)
Input Inrush Current at
Start-Up
Test Circuit 1, VOUTn =1V, VIN = 12V; No Load Besides
Capacitors; TON_RISEn = 3ms
400
mA
IQ(SVIN)
Input Supply Bias Current
Forced Continuous Mode, MFR_PWM_MODEn[0] = 1b
RUNn = 3.3V
Shutdown, RUN0 = RUN1 = 0V
25
23
mA
mA
IS(VINn,PSM)
Input Supply Current in Pulse-
Skipping Mode Operation
Pulse-Skipping Mode, MFR_PWM_MODEn[0] = 0b,
IOUTn = 100mA
20
mA
IS(VINn,FCM)
Input Supply Current in Forced-
Continuous Mode Operation
Forced Continuous Mode, MFR_PWM_MODEn[0] = 1b
12V to 1V
IOUTn = 31.25A
2.89
A
IS(VINn,SHUTDOWN) Input Supply Current in Shutdown
Shutdown, RUNn = 0V
50
µA
Output Specifications
IOUTn
Output Continuous Current Range
Each Channel
(Note 6) Utilizing MFR_PWM_MODE[7] = 1 and Using
~IOUT = 40 for IOUT_OC_FAULT_LIMIT, Page 97
0
31.25
A
∆VOUTn(LINE)
VOUTn
Line Regulation Accuracy Each
Channel
Digital Servo Engaged (MFR_PWM_MODEn[6] = 1b)
Digital Servo Disengaged (MFR_PWM_MODEn[6] = 0b)
SVIN and VINn Electrically Shorted Together and INTVCC
Open Circuit; IOUTn = 0A, 5.75V ≤ VIN ≤ 16V, VOUT Low Range
(MFR_PWM_MODEn[1] = 1b), FREQUENCY_SWITCH =
350kHz (Note 5)
l
0.03
0.03
±0.2
%/V
%/V
∆VOUTn(LOAD)
VOUTn
Load Regulation Accuracy Each
Channel
Digital Servo Engaged (MFR_PWM_MODEn[6] = 1b)
Digital Servo Disengaged (MFR_PWM_MODEn[6] = 0b)
0A ≤ IOUTn ≤ 31.25A, VOUT Low Range, (MFR_PWM_
MODEn[1] = 1b) (Notes 5, 6)
l
0.03
0.2
0.5
%
%
VOUTn(AC)
Output Voltage Ripple
10
mVP-P
fS (Each Channel) VOUTn Ripple Frequency
FREQUENCY_SWITCH Set to 350kHz (0xFABC)
l
320
350
370
kHz
∆VOUTn(START)
Turn-On Overshoot
TON_RISEn = 3ms (Note 12)
8
mV
tSTART
Turn-On Start-Up Time
Time from VIN Toggling from 0V to 12V to Rising Edge
PGOODn. TON_DELAYn = 0ms, TON_RISEn = 3ms
l
30
ms
tDELAY(0ms)
Turn-On Delay Time
Time from First Rising Edge of RUNn to Rising Edge of
PGOODn . TON_DELAYn = 0ms, TON_RISEn = 3ms,
VIN Having Been Established for at Least 70ms
l
2.75
3.3
3.8
ms
∆VOUTn(LS)
Peak Output Voltage Deviation for
Dynamic Load Step
Load: 10A to 20A and 20A to 10A at 10A/µs,
VOUTn = 1.2V, VIN = 12V (Note 12) See Transient Graph
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com