Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4664
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 8Page - Analog Devices LTM4664 Datasheet HTML 9Page - Analog Devices LTM4664 Datasheet HTML 10Page - Analog Devices LTM4664 Datasheet HTML 11Page - Analog Devices LTM4664 Datasheet HTML 12Page - Analog Devices LTM4664 Datasheet HTML 13Page - Analog Devices LTM4664 Datasheet HTML 14Page - Analog Devices LTM4664 Datasheet HTML 15Page - Analog Devices LTM4664 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 132 page
background image
LTM4681
12
Rev. 0
For more information www.analog.com
Single Channel Efficiency, 5VIN,
VIN = SVIN = INTVCC = 5V,
RUNP = 0V, CCM Mode
Single Channel Efficiency, 8VIN,
VIN = SVIN = VIN_VBIAS = 8V,
RUNP = 8V,CCM Mode
Single Channel Efficiency, 12VIN
VIN = SVIN = VIN_VBIAS = RUNP =
12V, CCM Mode
0.9VOUT, 250kHz
1.0VOUT, 250kHz
1.2VOUT, 350kHz
1.5VOUT, 425kHz
1.8VOUT, 500kHz
2.5VOUT, 575kHz
3.3VOUT, 650kHz
LOAD CURRENT (A)
0
10
5
15
20
25
30
35
80
84
86
90
82
88
92
94
96
98
100
4681 G01
0.9VOUT, 250kHz
1.0VOUT, 250kHz
1.2VOUT, 350kHz
1.5VOUT, 425kHz
1.8VOUT, 500kHz
2.5VOUT, 575kHz
3.3VOUT, 650kHz
LOAD CURRENT (A)
0
10
5
15
20
25
30
35
80
84
86
90
82
88
92
94
96
98
100
4681 G02
0.9VOUT, 250kHz
1.0VOUT, 250kHz
1.2VOUT, 350kHz
1.5VOUT, 425kHz
1.8VOUT, 500kHz
2.5VOUT, 575kHz
3.3VOUT, 650kHz
LOAD CURRENT (A)
0
10
5
15
20
25
30
35
80
84
86
90
82
88
92
94
96
98
100
4681 G03
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
0
20
40
60
80
100
120
80
82
84
87
89
91
93
96
98
100
LOAD CURRENT (A)
4681 G04
0.9VOUT, 250kHz
1.0VOUT, 250kHz
1.2VOUT, 350kHz
1.5VOUT, 425kHz
1.8VOUT, 500kHz
2.5VOUT, 575kHz
3.3VOUT, 650kHz
Quad Channel Single
Output Efficiency
VIN = SVIN = 12V, RUNP = 0V,
VBIAS = 5.5V External, CCM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com