Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 23 Page - Analog Devices

Part # LTM4664
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 19Page - Analog Devices LTM4664 Datasheet HTML 20Page - Analog Devices LTM4664 Datasheet HTML 21Page - Analog Devices LTM4664 Datasheet HTML 22Page - Analog Devices LTM4664 Datasheet HTML 23Page - Analog Devices LTM4664 Datasheet HTML 24Page - Analog Devices LTM4664 Datasheet HTML 25Page - Analog Devices LTM4664 Datasheet HTML 26Page - Analog Devices LTM4664 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 132 page
background image
LTM4681
23
Rev. 0
For more information www.analog.com
application for digital communication to the SMBus
master(s) that nominally drive this clock. The LTM4681
will never encounter scenarios where it would need to
engage clock stretching unless SCL communication
speeds exceed 100kHz—and even then, LTM4681 will not
clock stretch unless clock stretching is enabled by means
of setting MFR_CONFIG_ALL[1] = 1b. The factory-default
NVM configuration setting has MFR_CONFIG_ALL[1] =
0b: clock stretching disabled. If communication on the
bus at clock speeds above 100kHz is required, the user’s
SMBus master(s) needs to implement clock stretching
support to assure solid serial bus communications, and
only then should MFR_CONFIG_ALL[1] be set to 1b.
When clock stretching is enabled, SCL becomes a bidi-
rectional, open-drain output pin on LTM4681.
SDA_01, SDA_23 (C10, V8): Serial Bus Data Open-Drain
Input and Output. A pull-up resistor to 3.3V is required
in the application. SDA_01 is for Channel 0 and 1, and
SDA_23 is for Channel 2 and 3.
ALERT_01, ALERT_23 (C11, W8): Open-Drain Digital
Output. A pull-up resistor to 3.3V is required in the
application only if SMBALERT interrupt detection is imple-
mented in one’s SMBus system.
SHARE_CLK_01, SHARE_CLK_23 (D8, AA11): Share
Clock, Bidirectional Open-Drain Clock Sharing Pin.
Nominally 100kHz. Used for synchronizing the time
base between multiple LTM4681s (and any other Analog
Devices products with a SHARE_CLK pin)—to realize
well-defined rail sequencing and rail tracking. Tie the
SHARE_CLK pins of all such devices together; all devices
with a SHARE_CLK pin will synchronize to the fastest
clock. A pull-up resistor to 3.3V is only required when
synchronizing the time base between devices.
TSNS0, TSNS1, TSNS2, TSNS3 (E11, E10, U8, U9):
Power stage temperature monitors for the 4channels.
See Applications Information section.
WP_01, WP_23 (E9, Y11): Write Protect Pin, Active High.
An internal 10µA current source pulls this pin to VDD33. If
WP is open circuit or logic high, only I2C writes to PAGE,
OPERATION, CLEAR_FAULTS, MFR_CLEAR_PEAKS and
MFR_EE_UNLOCK are supported. Additionally, Individual
faults can be cleared by writing 1b’s to bits of interest in
registers prefixed with STATUS. If WP is low, I2C writes
are unrestricted.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com