Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM4664
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 13Page - Analog Devices LTM4664 Datasheet HTML 14Page - Analog Devices LTM4664 Datasheet HTML 15Page - Analog Devices LTM4664 Datasheet HTML 16Page - Analog Devices LTM4664 Datasheet HTML 17Page - Analog Devices LTM4664 Datasheet HTML 18Page - Analog Devices LTM4664 Datasheet HTML 19Page - Analog Devices LTM4664 Datasheet HTML 20Page - Analog Devices LTM4664 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 132 page
background image
LTM4681
17
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
SGND01, SGND23 (F10-F11, U10-U11): SGND is the sig-
nal ground return path of the LTM4681 internal control-
lers. SGND is not internally connected to GND. Connect
SGND to GND local to the LTM4681. See recommended
layout.
VIN01 (A5-A6, B5-B6, C5-C6, D5-D6, E5-E6, F5-F6,
G5-G6, H5-H6, J5-J6, K5-K6): Positive Power Input to
Channel 0 and 1 Switching Stages. Provide sufficient
decoupling capacitance in the form of multilayer ceramic
capacitors (MLCCs) and low ESR electrolytic (or equiv-
alent) to handle reflected input current ripple from the
step-down switching stage. MLCCs should be placed as
close to the LTM4681 as physically possible. See Layout
Recommendations in the Applications Information
section.
VIN23 (N5-N6, P5-P6, R5-R6, T5-T6, U5-U6, V5-V6,
W5-W6, Y5-Y6, AA5-AA6, AB5-AB6): Positive Power
Input to Channel 2 and 3 Switching Stages. Provide suf-
ficient decoupling capacitance in the form of MLCCs and
low ESR electrolytic (or equivalent) to handle reflected
input current ripple from the step-down switching stage.
MLCCs should be placed as close to the LTM4681 as
physically possible. See Layout Recommendations in the
Applications Information section.
SW0 (C1-C2, D1-D2, E1-E2): Switching Node of Channel
0 Step-Down Converter Stage. Used for test purposes
or EMI-snubbing. May be routed a short distance to a
local test point to monitor switching action of channel
0, if desired, but do not route near any sensitive signals;
otherwise, leave electrically isolated (open).
SW1 (G1-G2, H1-H2, J1-J2): Switching Node of Channel
1 Step-Down Converter Stage. Used for test purposes
or EMI-snubbing. May be routed a short distance to a
local test point to monitor switching action of channel
1, if desired, but do not route near any sensitive signals;
otherwise, leave open.
SW2 (P1-P2, R1-R2, T1-T2): Switching Node of Channel
2 Step-Down Converter Stage. Used for test purposes
or EMI-snubbing. May be routed a short distance to a
local test point to monitor switching action of channel
2, if desired, but do not route near any sensitive signals;
otherwise, leave open.
SW3 (V1-V2, W1-W2, Y1-Y2): Switching Node of Channel
3 Step-Down Converter Stage. Used for test purposes or
EMI-snubbing. May be routed a short distance to a local
test point to monitor switching action of channel 3, if
desired, but do not route near any sensitive signals; oth-
erwise, leave open.
SVIN_01 (J8): Input Supply for LTM4681’s Internal Control
IC for channel 0 and 1. In most applications, SVIN_01 con-
nects to VIN01. SVIN_01 can be operated from an auxiliary
supply separate from VIN01 for powering the VIN01 from
a lower supply like 3.3V. The SVIN_01 pin has an onboard
1Ω and 1µF decoupling capacitor. The 1Ω resistor is used
to measure the actual control chip current. See MFR_
READ_ICHIP and MFR_ADC_CONTROL COMMAND sec-
tion. When operating from 4.5V to 5.75V with no auxiliary
bias supply, then the main input supply should connect to
SVIN_01 and INTVCC_01. See Test Circuit 2 for an example.
In this configuration, the ICHIP current will not be relevant
since INTVCC_01 is connected to SVIN_01.
SVIN_23 (P11): Input Supply for LTM4681’s Internal
Control IC for channel 2 and 3. In most applications,
SVIN_23 connects to VIN_23. SVIN_23 can be operated from
an auxiliary supply separate from VIN23 for powering the
VIN23 from a lower supply like 3.3V. The SVIN_23 pin has
an onboard 1Ω and 1µF decoupling capacitor. The 1Ω
resistor is used to measure the actual control chip cur-
rent. See MFR_READ_ICHIP and MFR_ADC_CONTROL
COMMAND section. When operating from 4.5V to 5.75V
with no auxiliary bias supply, then the main input sup-
ply should connect to SVIN_23 and INTVCC_23. See Test
Circuit 2 for an example. In this configuration, the ICHIP
current will not be relevant since INTVCC_23 is connected
to SVIN_23.
VIN_VBIAS (N9): Input pin to the internal step down regula-
tor that produces 5.5V (VBIAS pin) to power both internal
controllers to reduce power dissipation after power up.
Each internal controller has an INTVCC_01 or INTVCC_23
regulator that is powered from SVIN_01 or SVIN_23. To
eliminate this power loss through these linear regulators,
the VBIAS powers both at very high efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com