Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4664
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 12Page - Analog Devices LTM4664 Datasheet HTML 13Page - Analog Devices LTM4664 Datasheet HTML 14Page - Analog Devices LTM4664 Datasheet HTML 15Page - Analog Devices LTM4664 Datasheet HTML 16Page - Analog Devices LTM4664 Datasheet HTML 17Page - Analog Devices LTM4664 Datasheet HTML 18Page - Analog Devices LTM4664 Datasheet HTML 19Page - Analog Devices LTM4664 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 132 page
background image
LTM4681
16
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.
GND (A1-A4, A7, A12, B1-B4, B7, B12, C3-C4, C7,
C12, D3-D4, D7, D12, E3-E4, E7, E12, F1-F4, F7,
F12, G3-G4, G7, G12, H3-H4, H7, H12, J3-J4, J7,
J12, K1-K4, K7-K12, L1-L15, M1-M15, N1-N4, N7-N8,
N12, P3-P4, P7, P12, R3-R4, R7, R12, T3-T4, T7, T12,
U1-U4, U7, U12, V3-V4, V7, V12, W3-W4, W7, W12,
Y3-Y4, Y7, Y12, AA1-AA4, AA7, AA12, AB1-AB4, AB7,
AB12): Power Ground of the LTM4681. Power return for
VIN01 VIN23 VOUT0,1 and VOUT2,3. Return input and output
capacitors to this point.
VOUT0 (A13-A15, B13-B15, C13-C15, D13-D15, E13-
E15): Channel 0 Output Voltage. Place recommended
output capacitors from this shape to GND. See recom-
mended layout.
VOSNS0+ (J11): Channel 0 Positive Differential Voltage
Sense Input. Together, VOSNS0+ and VOSNS0– serve to
Kelvin-sense the VOUT0 output voltage at VOUT0’s point
of load (POL) and provide the differential feedback signal
directly to channel 0’s feedback loop. Command VOUT0’s
target regulation voltage by serial bus. Its initial command
value at SVIN_01 power-up is dictated by NVM (non-volatile
memory) contents (factory default: 1.000V)—or, option-
ally, may be set by configuration resistors; see VOUT0_
CFG, VTRIM0_CFG and the Applications Information
section.
VOSNS0– (H11): Channel 0 Negative Differential Voltage
Sense Input. See VOSNS0+.
VOUT1 (F13-F15, G13-G15, H13-H15, J13-J15, K13-
K15): Channel 1 Output Voltage. Place recommended
output capacitors from this shape to GND. See recom-
mended layout.
VOSNS1+ (G8): Channel 1 Positive Differential Voltage
Sense Input. Together, VOSNS1+ and VOSNS1– serve to
Kelvin-sense the VOUT1 output voltage at VOUT1’s point
of load (POL) and provide the differential feedback signal
directly to channel 1’s feedback loop. Command VOUT1’s
target regulation voltage by serial bus. Its initial command
value at SVIN_01 power-up is dictated by NVM (non-volatile
memory) contents (factory default: 1.000V)—or, option-
ally, may be set by configuration resistors; see VOUT1_
CFG, VTRIM1_CFG and the Applications Information
section.
VOSNS1– (F8): Channel 1 Negative Differential Voltage
Sense Input. See VOSNS1+.
VOUT2 (N13-N15, P13-P15, R13-R15, T13-T15, U13-
U15): Channel 2 Output Voltage. Place recommended
output capacitors from this shape to GND. See recom-
mended layout.
VOSNS2+ (P8): Channel 2 Positive Differential Voltage
Sense Input. Together, VOSNS2+ and VOSNS2– serve to
Kelvin-sense the VOUT2 output voltage at VOUT1’s point
of load (POL) and provide the differential feedback signal
directly to channel 2’s feedback loop. Command VOUT2’s
target regulation voltage by serial bus. Its initial command
value at SVIN_23 power-up is dictated by NVM (non-volatile
memory) contents (factory default: 1.000V)—or, option-
ally, may be set by configuration resistors; see VOUT2_
CFG, VTRIM2_CFG and the Applications Information
section.
VOSNS2– (R8): Channel 2 Negative Differential Voltage
Sense Input. See VOSNS2+.
VOUT3 (V13-V15, W13-W15, Y13-Y15, AA13-AA15,
AB13-AB15): Channel 3 Output Voltage. Place recom-
mended output capacitors from this shape to GND See
recommended layout.
VOSNS3+ (R11): Channel 3 Positive Differential Voltage
Sense Input. Together, VOSNS3+ and VOSNS3– serve to
Kelvin-sense the VOUT3 output voltage at VOUT3’s point
of load (POL) and provide the differential feedback signal
directly to channel 3’s feedback loop. Command VOUT3’s
target regulation voltage by serial bus. Its initial command
value at SVIN_23 power-up is dictated by NVM (non-volatile
memory) contents (factory default: 1.000V)—or, option-
ally, may be set by configuration resistors; see VOUT3_
CFG, VTRIM3_CFG and the Applications Information
section.
VOSNS3– (T11): Channel 3 Negative Differential Voltage
Sense Input. See VOSNS3+.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com