Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 70 Page - Analog Devices

Part # LTM4664
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 70 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 66Page - Analog Devices LTM4664 Datasheet HTML 67Page - Analog Devices LTM4664 Datasheet HTML 68Page - Analog Devices LTM4664 Datasheet HTML 69Page - Analog Devices LTM4664 Datasheet HTML 70Page - Analog Devices LTM4664 Datasheet HTML 71Page - Analog Devices LTM4664 Datasheet HTML 72Page - Analog Devices LTM4664 Datasheet HTML 73Page - Analog Devices LTM4664 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 132 page
background image
LTM4681
70
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
As a practical matter, it should be clear to the reader that
no individual or sub-group of the four thermal resistance
parameters defined by JESD51-12 or provided in the Pin
Configuration section replicates or conveys normal oper-
ating conditions of a µModule regulator. For example, in
normal board-mounted applications, never does 100%
of the device’s total power loss (heat) thermally conduct
exclusively through the top or exclusively through bot-
tom of the µModule package—as the standard defines
for θJCtop and θJCbottom, respectively. In practice, power
loss is thermally dissipated in both directions away from
the package—granted, in the absence of a heat sink and
airflow, a majority of the heat flow is into the board.
Within the LTM4681, be aware there are multiple power
devices and components dissipating power, with a con-
sequence that the thermal resistances relative to differ-
ent junctions of components or die are not exactly linear
with respect to total package power loss. To reconcile this
complication without sacrificing modeling simplicity—
but also, not ignoring practical realities—an approach
has been taken using FEA software modeling along with
laboratory testing in a controlled-environment chamber
to reasonably define and correlate the thermal resistance
values supplied in this data sheet: (1) Initially, FEA soft-
ware is used to accurately build the mechanical geometry
of the LTM4681 and the specified PCB with all of the cor-
rect material coefficients along with accurate power loss
source definitions; (2) this model simulates a software-
defined JEDEC environment consistent with JESD51-9
and JESD51-12 to predict power loss heat flow and
temperature readings at different interfaces that enable
the calculation of the JEDEC-defined thermal resistance
values; (3) the model and FEA software is used to evaluate
the LTM4681 with heat sink and airflow; (4) having solved
for and analyzed these thermal resistance values and
simulated various operating conditions in the software
model, a thorough laboratory evaluation replicates the
simulated conditions with thermocouples within a con-
trolled environment chamber while operating the device
at the same power loss as that which was simulated. The
outcome of this process and due diligence yields the set
of derating curves provided in later sections of this data
sheet, along with well-correlated JESD51-12-defined θ
values provided in the Pin Configuration section of this
data sheet.
The 5V, 8V, and 12V power loss curves in Figure 35,
Figure 36 and Figure 37, respectively, can be used in coor-
dination with the load current derating curves in Figure 41
to Figure 46 for calculating an approximate θJA thermal
resistance for the LTM4681 with various airflow condi-
tions and without heat sinks. These thermal resistances
represent demonstrated performance of the LTM4681
on hardware; a 8-layer FR4 PCB measuring 215mm ×
160mm × 1.6mm using 2oz copper on all layers. The
power loss curves are taken at room temperature, and
are increased with multiplicative factors of 1.35 when the
junction temperature reaches 125°C. The derating curves
are plotted with the LTM4681’s paralleled outputs initially
sourcing up to 120A and the ambient temperature at 25°C.
The output voltages are 0.9V, 1.5V and 3.3V. These are
chosen to include the lower and higher output voltage
ranges for correlating the thermal resistance. Thermal
models are derived from several temperature measure-
ments in a controlled temperature chamber along with
thermal modeling analysis. The junction temperatures are
monitored while ambient temperature is increased with
and without airflow.
The power loss increase with ambient temperature change
is factored into the derating curves. The junctions are
maintained at 125°C maximum while lowering output cur-
rent or power while increasing ambient temperature. The
decreased output current decreases the internal module
loss as ambient temperature is increased. The monitored
junction temperature of 125°C minus the ambient operat-
ing temperature specifies how much module temperature
rise can be allowed. As an example in Figure 43, the load
current is derated to ~90A at ~65°C ambient with no air
or heat sink and the room temperature (25°C) power loss
for this 12VIN to 1.5VOUT at 90AOUT condition is ~9.5W. A
12.8W loss is calculated by multiplying the ~9.5W room
temperature loss from the 12VIN to 1.5VOUT power loss
curve at 90A (Figure 37), with the 1.35 multiplying factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com