Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 97 Page - Analog Devices

Part # LTM4664
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 97 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 93Page - Analog Devices LTM4664 Datasheet HTML 94Page - Analog Devices LTM4664 Datasheet HTML 95Page - Analog Devices LTM4664 Datasheet HTML 96Page - Analog Devices LTM4664 Datasheet HTML 97Page - Analog Devices LTM4664 Datasheet HTML 98Page - Analog Devices LTM4664 Datasheet HTML 99Page - Analog Devices LTM4664 Datasheet HTML 100Page - Analog Devices LTM4664 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 132 page
background image
LTM4681
97
Rev. 0
For more information www.analog.com
PMBus COMMAND DETAILS
IOUT_OC_FAULT_LIMIT
The IOUT_OC_FAULT_LIMIT command sets the value of the peak output current limit, in Amperes. When the control-
ler is in current limit, the overcurrent detector will indicate an overcurrent fault condition. The following table lists the
progammable peak output current limit value in mV between ISENSE+ and ISENSE–. The actual value of current limit is
(ISENSE+ – ISENSE–)/IOUT_CAL_GAIN in Amperes.
BASED ON PEAK-TO-PEAK INDUCTOR CURRENT = 50% OF 30A FOR WORSE CASE, THESE ARE APPROXIMATES, SO USE GUARDBAND AND CHECK
MFR_PWM_MODE[7] = 1
High Current Range (mV)
~ILPeak (A)
~IOUT (A)
MFR_PWM_MODE[7] = 0
Low Current Range (mV)
~ ILPeak (A)
~ IOUT (A)
17.73
44.33
36.83
9.85
24.63
17.13
18.86
47.15
39.65
10.48
26.20
18.70
20.42
51.05
43.55
11.34
28.35
20.85
21.14
52.85
45.35
11.74
29.35
21.85
22.27
55.68
48.18
12.37
30.93
23.43
23.41
58.53
51.03
13.01
32.53
25.03
24.55
61.38
53.88
13.64
34.10
26.60
Note: This is the peak of the current waveform. The READ_IOUT command returns the average current. The peak output
current limits are adjusted with temperature based on the MFR_IOUT_CAL_GAIN_TC using the equation:
Peak Current Limit = IOUT_CAL_GAIN • (1 + MFR_IOUT_CAL_GAIN_TC • (READ_TEMPERTURE_1-27.0)).
The LTM4681 automatically convert currents to the appropriate internal bit value.
The IOUT range is set with bit 7 of the MFR_PWM_MODE command.
The IOUT_OC_FAULT_LIMIT is ignored during TON_RISE and TOFF_FALL.
If the IOUT_OC_FAULT_LIMIT is exceeded, the device:
• Sets the IOUT bit in the STATUS word
• Sets the IOUT Overcurrent fault bit in the STATUS_IOUT
• Notifies the host by asserting ALERT, unless masked
This command has two data bytes and is formatted in Linear_5s_11s format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com