Electronic Components Datasheet Search
  English  ▼

X  

LTM4680 Datasheet(PDF) 30 Page - Analog Devices

Part # LTM4680
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 30 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 26Page - Analog Devices LTM4680 Datasheet HTML 27Page - Analog Devices LTM4680 Datasheet HTML 28Page - Analog Devices LTM4680 Datasheet HTML 29Page - Analog Devices LTM4680 Datasheet HTML 30Page - Analog Devices LTM4680 Datasheet HTML 31Page - Analog Devices LTM4680 Datasheet HTML 32Page - Analog Devices LTM4680 Datasheet HTML 33Page - Analog Devices LTM4680 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 132 page
background image
LTM4681
30
Rev. 0
For more information www.analog.com
OPERATION
respond at the global addresses 0x5A and 0x5B, but use
of these addresses when attempting to recover from a
CRC issue is not recommended. All power supply rails
associated with either PWM channel of a device reporting
an invalid CRC should remain disabled until the issue is
resolved. See the Applications Information section or con-
tact the factory for details on efficient in-system EEPROM
programming, including bulk EEPROM Programming,
which the LTM4681 also supports.
The LTM4681 contains two dual internal constant fre-
quency current mode control buck regulators (channel 0
and channel 1, and channel 2 and 3) and whose power
MOSFETs are capable of fast switching speed. Reference to
the signal pins will be Name_nn, where n is either 01 or 23,
or with namen when referring to signal pins that are related
to the actual channel. The factory NVM-default switching
frequency clocks SYNC_nn at 350kHz, to which the regu-
lators synchronize their switching frequency. The default
phase-interleaving angle between the channels is 180°. A
pin-strapping resistor on FSWPH_nn_CFG configures the
frequency of the SYNC_nn clock (switching frequency) and
the channel phase relationship of the channels to each other
and with respect to the falling edge of the SYNC_nn sig-
nal. (Most possible combinations of switching frequency
and phase-angle assignments are settleable by resistor
pin programming; see Table 3. Configure the LTM4681’s
NVM to implement settings not available by resistor-pin
strapping.) When a FSWPH_nn_CFG pin-strap resistor
sets the channel phase relationship of the LTM4681’s
channels, the SYNC_nn clock is not driven by the module;
instead, SYNC_nn becomes strictly a high impedance input
and channel switching frequency is then synchronized to
SYNC_nn provided by an externally-generated clock or sib-
ling LTM4681 with pull-up resistor to VDD33_nn. Switching
frequency and phase relationship can be altered via the
I2C interface, but only when switching action is off, i.e.,
when the module is not regulating the outputs. See the
Applications Information section for details.
Programmable analog feedback loop compensation for
channel 0 to channel 3 is accomplished with a capaci-
tor connection from COMPna to SGND, and a capacitor
from COMPnb to SGND.) The COMPnb pin is for the
high frequency gain roll off and is the gm amplifier out-
put that has a programmable range, and the COMPna
pin has the programmable resistor range along with a
capacitor to SGND that sets the frequency compensa-
tion. See Programmable Loop Compensation section.
The LTM4681 module has sufficient stability margins and
good transient performance with a wide range of output
capacitors—even all-ceramic MLCCs. Table 13 provides
guidance on input and output capacitors recommended
for many common operating conditions along with
the programmable compensation settings. The Analog
Devices LTpowerCAD tool is available for transient and
stability analysis, and experienced users who prefer to
adjust the module’s feedback loop compensation param-
eters can use this tool.
POWER-UP AND INITIALIZATION
The LTM4681 is designed to provide standalone supply
sequencing and controlled turn-on and turn-off operation.
It operates from a single input supply (4.5V to 16V) while
three on-chip linear regulators generate internal 2.5V, 3.3V
and 5.5V per controller. If VINnn does not exceed 6V, and
the VBIAS pin is turned off, the INTVCC, VINnn and SVIN_nn
pins must be tied together. The controller configuration
is initialized by an internal threshold based UVLO where
VINnn must be approximately 4V and the 5.5V, 3.3V and
2.5V linear regulators must be within approximately 20%
of the regulated values. In addition to the power supply, a
PMBus RESTORE_USER_ALL or MFR_RESET command
can initialize the part too.
The VBIAS pin is the output of an internal 5.5V buck regu-
lator to improve efficiency of the circuit and minimize
power loss on the LTM4681. The VBIAS pin must exceed
approximately 4.8V, and VIN must exceed 7V before the
INTVCC LDO operates from the VBIAS pin. The VBIAS regu-
lator is powered from VIN_VBIAS and enabled with RUNP.
During initialization, the external configuration resistors
are identified and/or contents of the NVM are read into the
controller’s commands and the power train is held off. The
RUNn and FAULTn and PGOODn are held low. The LTM4681
will use the contents of Table 1 thru Table 5 to determine the
resistor defined parameters. See the Resistor Configuration
section for more details. The resistor configuration pins
only control some of the preset values of the controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com