Electronic Components Datasheet Search
  English  ▼

X  

LTM4680 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM4680
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 3 Page - Analog Devices

  LTM4680 Datasheet HTML 1Page - Analog Devices LTM4680 Datasheet HTML 2Page - Analog Devices LTM4680 Datasheet HTML 3Page - Analog Devices LTM4680 Datasheet HTML 4Page - Analog Devices LTM4680 Datasheet HTML 5Page - Analog Devices LTM4680 Datasheet HTML 6Page - Analog Devices LTM4680 Datasheet HTML 7Page - Analog Devices LTM4680 Datasheet HTML 8Page - Analog Devices LTM4680 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 132 page
background image
LTM4681
3
Rev. 0
For more information www.analog.com
TABLE OF CONTENTS
Table 7. PMBus Commands Summary (Note: The Data
Format Abbreviations Are Detailed in Table 8)......... 50
Table 8. Data Format Abbreviations......................55
Applications Information ................................56
VIN to VOUT Step-Down Ratios................................56
Input Capacitors .....................................................56
Output Capacitors...................................................56
Light Load Current Operation .................................56
Switching Frequency and Phase .............................57
Output Current Limit Programming ........................58
Minimum On-Time Considerations..........................59
Variable Delay Time, Soft-Start and Output Voltage
Ramping .................................................................59
Digital Servo Mode .................................................59
Soft Off (Sequenced Off)........................................60
Undervoltage Lockout.............................................61
Fault Detection and Handling..................................61
Open-Drain Pins .....................................................61
Phase-Locked Loop and Frequency Synchronization .. 62
Input Current Sense Amplifier.................................63
Programmable Loop Compensation .......................63
Checking Transient Response.................................64
PolyPhase Configuration ......................................65
Connecting The USB to I2C/SMBus/PMBus
Controller to the LTM4681 In System.....................65
LTpowerPlay: An Interactive GUI for Digital Power .66
PMBus Communication and Command Processing66
Thermal Considerations and Output Current Derating. 68
Table 10 through Table 12: Output Current Derating.........71
Table 13. Single Channel Output Voltage vs
Capacitor Selection, 10A to 20A Load Step with
10A/µs Slew Rate ...............................................72
Table 14. Single Channel Output Voltage vs
Capacitor Selection, All Ceramic Configuration,
10A to 20A Load Step with 10A/µs Slew Rate ....73
Table 15. Dual Connected Channels Output Voltage
vs Capacitor Selection, Bulk and Ceramic Cap
Configuration, 10A to 30A Load Step with 20A/µs
Slew Rate ........................................................... 74
Table 16. Quad Connected Channels Output Voltage
vs Capacitor Selection, Bulk and Ceramic Cap
Configuration, 10A to 40A Load Step with 15A/µs
Slew Rate ........................................................... 74
Derating Curves......................................................75
EMI Performance....................................................77
Safety Considerations.............................................77
Layout Checklist/Example ......................................77
Typical Applications ......................................79
PMBus Command Details ...............................84
Addressing and Write Protect.................................84
General Configuration Commands..........................86
On/Off/Margin ........................................................87
PWM Configuration ................................................89
Voltage....................................................................92
Input Voltage and Limits.......................................92
Output Voltage and Limits ....................................93
Output Current and Limits ......................................96
Input Current and Limits.......................................98
Temperature............................................................99
Power Stage DCR Temperature Calibration...........99
Power Stage Temperature Limits..........................99
Timing .................................................................. 100
Timing—On Sequence/Ramp............................. 100
Timing—Off Sequence/Ramp ............................ 101
Precondition for Restart ..................................... 102
Fault Response ..................................................... 102
Fault Responses All Faults.................................. 102
Fault Responses Input Voltage ........................... 103
Fault Responses Output Voltage......................... 103
Fault Responses Output Current......................... 106
Fault Responses IC Temperature ........................ 107
Fault Responses External Temperature............... 108
Fault Sharing......................................................... 109
Fault Sharing Propagation .................................. 109
Fault Sharing Response.......................................111
Scratchpad ............................................................111
Identification......................................................... 112
Fault Warning and Status...................................... 113
Telemetry.............................................................. 119
NVM Memory Commands .................................... 123
Store/Restore ..................................................... 123
Fault Logging...................................................... 124
Block Memory Write/Read.................................. 128
Package Description ................................... 129
Table 25. LTM4681 BGA Pinout.......................... 129
Package Description ................................... 130
Package Photograph ................................... 132
Design Resources ...................................... 132
Related Parts ............................................ 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com