Electronic Components Datasheet Search
  English  ▼

X  

LTM4680 Datasheet(PDF) 67 Page - Analog Devices

Part # LTM4680
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 67 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 63Page - Analog Devices LTM4680 Datasheet HTML 64Page - Analog Devices LTM4680 Datasheet HTML 65Page - Analog Devices LTM4680 Datasheet HTML 66Page - Analog Devices LTM4680 Datasheet HTML 67Page - Analog Devices LTM4680 Datasheet HTML 68Page - Analog Devices LTM4680 Datasheet HTML 69Page - Analog Devices LTM4680 Datasheet HTML 70Page - Analog Devices LTM4680 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 132 page
background image
LTM4681
67
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 31. LTpowerPlay Screen Shot
DECODER
CMD
INTERNAL
PROCESSOR
WRITE COMMAND
DATA BUFFER
PAGE
CMDS
0x00
0x21
0xFD
4681 F32
x1
•
•
•
•
•
•
MFR_RESET
VOUT_COMMAND
S
CALCULATIONS
PENDING
PMBus
WRITE
R
FETCH,
CONVERT
DATA
AND
EXECUTE
DATA
MUX
Figure 32. Write Command Data Processing
Channel #
GUI
Identity
0
1
2
3
U0:A0
U0:A1
U0:B0
U0:B1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com