Electronic Components Datasheet Search
  English  ▼

X  

LTM4680 Datasheet(PDF) 10 Page - Analog Devices

Part # LTM4680
Description  Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 6Page - Analog Devices LTM4680 Datasheet HTML 7Page - Analog Devices LTM4680 Datasheet HTML 8Page - Analog Devices LTM4680 Datasheet HTML 9Page - Analog Devices LTM4680 Datasheet HTML 10Page - Analog Devices LTM4680 Datasheet HTML 11Page - Analog Devices LTM4680 Datasheet HTML 12Page - Analog Devices LTM4680 Datasheet HTML 13Page - Analog Devices LTM4680 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 132 page
background image
LTM4681
10
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel (Note 4). TA = 25°C, VIN = 12V, RUNn = 3.3V,
RUNP = 0, FREQUENCY_SWITCH = 350kHz and VOUTn commanded to 1.000V unless otherwise noted. Configured with factory-default
EEPROM settings and per Test Circuit 1, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Input WP_nn
IPUWP
Input Pull-Up Current
WP
10
µA
Open-Drain Outputs SCL_nn, SDA_nn, FAULT_nn, ALERT_nn, RUNn, SHARE_CLK_nn, PGOODn
VOL
Output Low Voltage
ISINK = 3mA
0.4
V
Digital Inputs SHARE_CLK_nn, WP_nn
VIH
Input High Threshold Voltage
l
1.5
1.8
V
VIL
Input Low Threshold Voltage
l
0.6
1
V
Digital Filtering of FAULTn
IFLTG
Input Digital Filtering FAULTn
3
µs
Digital Filtering of PGOODn
IFLTG
Output Digital Filtering PGOODn
100
µs
Digital Filtering of RUNn
IFLTG
Input Digital Filtering RUN
10
µs
PMBus Interface Timing Characteristics
fSCL
Serial Bus Operating Frequency
l
10
400
kHz
tBUF
Bus Free Time Between Stop and
Start
l
1.3
µs
tHD(STA)
Hold Time After Repeated Start
Condition After This Period, the First
Clock is Generated
l
0.6
µs
tSU(STA)
Repeated Start Condition Setup Time
l
0.6
10000
µs
tSU(ST0)
Stop Condition Setup Time
l
0.6
µs
tHD(DAT)
Date Hold Time
Receiving Data
Transmitting Data
l
l
0
0.3
0.9
µs
µs
tSU(DAT)
Data Setup Time
Receiving Data
0.1
µs
tTIMEOUT_SMB
Stuck PMBus Timer Non-Block Reads
Stuck PMBus Timer Block Reads
Measured from the Last PMBus Start Event
32
255
ms
tLOW
Serial Clock Low Period
l
1.3
10000
µs
tHIGH
Serial Clock High Period
l
0.6
µs
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4681 is tested under pulsed-load conditions such that
TJ ≈ TA. The LTM4681E is guaranteed to meet performance specifications
over the 0°C to 125°C internal operating temperature range. Specifications
over the –40°C to 125°C internal operating temperature range are assured
by design, characterization and correlation with statistical process
controls. The LTM4681I is guaranteed to meet specifications over the full
–40°C to 125°C internal operating temperature range. TJ is calculated from
the ambient temperature TA and the power dissipation PD according the
formula:
TJ = TA + (PD • θJA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com