Electronic Components Datasheet Search
  English  ▼

X  

VR5510 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # VR5510
Description  Multi-Output PMIC with SMPS and LDO
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5510 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button VR5510 Datasheet HTML 17Page - NXP Semiconductors VR5510 Datasheet HTML 18Page - NXP Semiconductors VR5510 Datasheet HTML 19Page - NXP Semiconductors VR5510 Datasheet HTML 20Page - NXP Semiconductors VR5510 Datasheet HTML 21Page - NXP Semiconductors VR5510 Datasheet HTML 22Page - NXP Semiconductors VR5510 Datasheet HTML 23Page - NXP Semiconductors VR5510 Datasheet HTML 24Page - NXP Semiconductors VR5510 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 203 page
background image
NXP Semiconductors
VR5510
Multi-Output PMIC with SMPS and LDO
8.15 Debug flow charts
In Debug mode, the VDDOTP pin is managed as described in Section 8.12 "Entering
Debug mode using the VDDOTP pin". The watchdog window is fully open and a
watchdog refresh is not required.
aaa-039362
RSTB release
Write all INIT_FS registers
With Reg/Reg_NOT procedure
Assign Vregx to ABIST2
Configure SVS if needed
LBIST fail prevent the release of FS0B pin
ABIST1 fail prevent the release of FS0B pin
Possibility to go back to OFF Mode FS by I2C
and restart the device
OFF Mode FS
VDDOTP = 5 V
VSUP > 6.5 V
and PWRON1 > 4 or PWRON2 > 1.25 V
VDDIO = 1.8 V/3.3 V
OTP mode
(emulation/programming)
Pwr up with OTP config
DBG = 0 V
Close INIT_FS
with 1x good WD refresh
Decrease FLT_ERR_CNT to `0'
with WD_ERR_LIMIT good WD refresh
Wait Vregx pwr up
Run ABIST2 by I2C
and wait 1.2 ms
Release FS0B with
RELEASE-FS0B[23:8]=NOT_WD_SEED[8:23]
Disable WD
DBG_EXIT == 1
ABIST2 fail prevent the release of FS0B pin
Possibility to go back to INIT_FS by I2C
and remove the failing regulator from ABIST2 list
No
LBIST_OK == 1
ABIST1_OK == 1
Yes
No
ABIST2_OK == 1
Yes
Figure 10. Debug flow chart
Note: Use I2C to disable the watchdog before INIT_FS closure and Debug mode exit in
order to allow FS0B to be released. Otherwise, FS0B remains stuck low in debug mode.
VR5510
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3 — 3 March 2021
21 / 203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com