Electronic Components Datasheet Search
  English  ▼

X  

VR5510 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # VR5510
Description  Multi-Output PMIC with SMPS and LDO
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5510 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button VR5510 Datasheet HTML 36Page - NXP Semiconductors VR5510 Datasheet HTML 37Page - NXP Semiconductors VR5510 Datasheet HTML 38Page - NXP Semiconductors VR5510 Datasheet HTML 39Page - NXP Semiconductors VR5510 Datasheet HTML 40Page - NXP Semiconductors VR5510 Datasheet HTML 41Page - NXP Semiconductors VR5510 Datasheet HTML 42Page - NXP Semiconductors VR5510 Datasheet HTML 43Page - NXP Semiconductors VR5510 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 203 page
background image
NXP Semiconductors
VR5510
Multi-Output PMIC with SMPS and LDO
Symbol
Parameter
Min
Typ
Max
Unit
IBUCK12
Recommended DC output current capability (one phase) —
2.5
—
A
Output voltage accuracy (0.4 V< VBUCK12 < 0.7 V), PWM -10
—
10
mV
Output voltage accuracy (0.7 V ≤ VBUCK12 ≤ 0.8 V), PWM -8
—
8
mV
Output voltage accuracy (0.8 V< VBUCK12≤ 1.5 V), PWM -1.5
—
1.5
%
Output voltage accuracy (VBUCK12 = 1.8 V), PWM
-2
—
2
%
Output voltage accuracy (0.4 V< VBUCK12< 1.5 V), PFM
- 30
—
30
mV
VBUCK12ACC
Output voltage accuracy (VBUCK12 = 1.8 V), PFM
- 40
—
40
mV
IBUCK12_Q
Quiescent Current, PFM Mode
—
12
—
μA
VBUCK12_SW
Switching Frequency Range
2.1
2.22
2.35
MHz
LBUCK12
Inductor for VBUCK12_SW =2.22 MHz
—
1.0
—
μH
Effective output capacitor (for 1 phase)
44
—
160
μF
COUT_BUCK12
Output decoupling capacitor
—
0.1
—
μF
Effective input capacitor
(one each close to BUCK1_IN and BUCK2_IN pins)
4.7
—
—
μF
CIN_BUCK12
Input decoupling capacitor
(one each close to BUCK1_IN and BUCK2_IN pins)
—
0.1
—
μF
VBUCK12_TLR
Transient Load Regulation for VBUCK12 <1.2 V
(Cout = 44 μF, from 200 mA to 1 A, di/dt = 2 A/μs) single
phase
(Cout = 44 μF, from 400 mA to 2 A, di/dt = 4 A/μs) dual
phase
-25
—
+25
mV
VBUCK12_TLR
Transient Load Regulation for VBUCK12 >1.2 V
(Cout = 44 μF, from 200 mA to 1 A, di/dt = 2 A/μs) single
phase
(Cout = 44 μF, from 400 mA to 2 A, di/dt = 4 A/μs) dual
phase
-3
—
+3
%
2.4
3
3.7
A
ILIM_BUCK12
Inductor peak current limitation range for one phase
(OTP configuration)
3.6
4.5
5.45
A
DVS Ramp up Speed , BUCK12DVS_RAMP_OTP[1:0] =
00
9.5
15.6
23.6
mV/μs
DVS Ramp up Speed , BUCK12DVS_RAMP_OTP[1:0] =
01
4.8
7.8
11.8
mV/μs
DVS Ramp up Speed , BUCK12DVS_RAMP_OTP[1:0] =
10
1.56
2.6
3.94
mV/μs
VBUCK12_DVS_UP
(0.4 V to 1.5 V)
DVS Ramp up Speed , BUCK12DVS_RAMP_OTP[1:0] =
11
1.33
2.23
3.38
mV/μs
DVS Ramp up Speed , BUCK12DVS_RAMP_OTP[1:0] =
00
11.87 19.53
29.5
mV/μs
DVS Ramp up Speed , BUCK12DVS_RAMP_OTP[1:0] =
01
6
9.76
14.75 mV/μs
VBUCK12_DVS_UP
(1.8 V)
DVS Ramp up Speed , BUCK12DVS_RAMP_OTP[1:0] =
10
1.95
3.25
4.92
mV/μs
Table 16. Electrical characteristics...continued
VR5510
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3 — 3 March 2021
40 / 203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com