Electronic Components Datasheet Search
  English  ▼

X  

VR5510 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # VR5510
Description  Multi-Output PMIC with SMPS and LDO
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5510 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button VR5510 Datasheet HTML 61Page - NXP Semiconductors VR5510 Datasheet HTML 62Page - NXP Semiconductors VR5510 Datasheet HTML 63Page - NXP Semiconductors VR5510 Datasheet HTML 64Page - NXP Semiconductors VR5510 Datasheet HTML 65Page - NXP Semiconductors VR5510 Datasheet HTML 66Page - NXP Semiconductors VR5510 Datasheet HTML 67Page - NXP Semiconductors VR5510 Datasheet HTML 68Page - NXP Semiconductors VR5510 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 203 page
background image
NXP Semiconductors
VR5510
Multi-Output PMIC with SMPS and LDO
TIMER_STBY_WINDOW[3:0]
Configure the standby timer duration
0110
8192 ms
0111
16384 ms
1000
65536 ms
1001
131072 ms
1010
262144 ms
1011
524288 ms
1100
1048576 ms
1101
2097152 ms
1110
4194304 ms
1111
8388608 ms
Table 42. Standby timer duration...continued
20.6 PWRON2 for Deep Sleep mode
The PWRON2 pin manages the transition to Deep Sleep mode if both the DSM_EN_OTP
bit (CFG_CLOCK_3_OTP) and the PWRON2_DSM_EN bit (M_MODE register) are set
to 1.
Deep Sleep mode shuts down all VR5510 regulators except the HVLDO. When the
device is in Deep Sleep mode, the HVLDO regulator can only operate as an LDO at
3.3 V.
Only the PWRON2 input detector is active in Deep Sleep mode, so only that pin can be
used to exit the mode.
VR5510
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3 — 3 March 2021
65 / 203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com