Electronic Components Datasheet Search
  English  ▼

X  

VR5510 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # VR5510
Description  Multi-Output PMIC with SMPS and LDO
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5510 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button VR5510 Datasheet HTML 8Page - NXP Semiconductors VR5510 Datasheet HTML 9Page - NXP Semiconductors VR5510 Datasheet HTML 10Page - NXP Semiconductors VR5510 Datasheet HTML 11Page - NXP Semiconductors VR5510 Datasheet HTML 12Page - NXP Semiconductors VR5510 Datasheet HTML 13Page - NXP Semiconductors VR5510 Datasheet HTML 14Page - NXP Semiconductors VR5510 Datasheet HTML 15Page - NXP Semiconductors VR5510 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 203 page
background image
NXP Semiconductors
VR5510
Multi-Output PMIC with SMPS and LDO
• When VPRE is configured at 5 V, VPRE might not remain in its regulation range
• VSUP minimum voltage depends on the external components (LPI_DCR) and the
application conditions (IPRE, F_VPRESW).
When VPRE is switching at 455 kHz, the VR5510 maximum continuous operating
voltage is 36 V. The part is validated at 48 V for a limited duration of 15 minutes at room
temperature to satisfy the jump-start requirement of 24 V applications. It can sustain a 58
V load dump without external protection.
When VPRE is switching at 2.2 MHz, the VR5510 maximum continuous operating
voltage is 18 V. The part is validated at 26 V for limited duration of 2 minutes at room
temperature to satisfy the jump-start requirement of 12 V applications and a 35 V load
dump.
8.4 Thermal ratings
Symbol
Parameter
Conditions
Min
Max
Unit
RθJA
Thermal Resistance Junction to Ambient[1] 2s2p circuit board[2]
—
27
°C/W
RθJA
Thermal Resistance Junction to Ambient[1] 2s8p circuit board[2]
—
17
°C/W
RθJB
Junction to Board Thermal Resistance
2s2p circuit board[2]
—
22
°C/W
RθJB
Junction to Board Thermal Resistance
2s8p circuit board[2]
—
15
°C/W
ΨJT_TOP
Thermal Resistance Parameter Junction to
top[1]
Between the package
top and the junction
temperature[1]
—
1
°C/W
TA
Ambient Temperature (Automotive)
-40
125
°C
TA
Ambient Temperature (Industrial)
-40
105
°C
TJ
Junction Temperature
-40
150
°C
TSTG
Storage Temperature
-55
150
°C
Table 5. Thermal ratings
[1]
Determined in accordance with JEDEC JESD51-2A natural convection environment. Thermal resistance data in this report is solely for a thermal
performance comparison of one package to another in a standardized specified environment. It is not meant to predict the performance of a package in an
application-specific environment. Uniform power is assumed on die top surface.
[2]
Thermal test board meets JEDEC specification for this package (JESD51-9)
8.5 EMC compliancy
Pin
Pin_Type
EMC Compliance
VBAT (VSUP1/2) Global
HV_HVLDO_IN
Global
PWRON1
Global
Conducted Emissions – IEC 61967-4 (150 Ω method, 12-M level, 50% load on regulators)
Conducted Immunity – IEC 62132-4 (36dBm, Class A, No state change on FS0B, RSTB,
PGOOD, INTB, 50% load on all regulators and accuracy in spec
FS0B
Global
Conducted Emissions – IEC 61967-4 (150 Ω method, 12-M level, 50% load on regulators)
Conducted Immunity – IEC 62132-4 (30dBm, Class A, No state change on FS0B, RSTB,
PGOOD, INTB, 50% load on all regulators and accuracy in spec
BUCK1/2/3_IN
Local, Supply
LDO1/2/3_IN
Local, Supply
LV_HVLDO_IN
Local, Supply
Conducted Emissions – IEC 61967-4 (150 Ω method, 10-K level, 50% load on regulators)
Conducted Immunity – IEC 62132-4 (12dBm, Class A, HVLDO in switch mode. No state
change on FS0B, RSTB, PGOOD, INTB, 50% load on all regulators and accuracy in spec
Table 6. VR5510 EMC compliancy chart
VR5510
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3 — 3 March 2021
12 / 203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com