Electronic Components Datasheet Search
  English  ▼

X  

VR5510 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # VR5510
Description  Multi-Output PMIC with SMPS and LDO
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5510 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button VR5510 Datasheet HTML 86Page - NXP Semiconductors VR5510 Datasheet HTML 87Page - NXP Semiconductors VR5510 Datasheet HTML 88Page - NXP Semiconductors VR5510 Datasheet HTML 89Page - NXP Semiconductors VR5510 Datasheet HTML 90Page - NXP Semiconductors VR5510 Datasheet HTML 91Page - NXP Semiconductors VR5510 Datasheet HTML 92Page - NXP Semiconductors VR5510 Datasheet HTML 93Page - NXP Semiconductors VR5510 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 203 page
background image
NXP Semiconductors
VR5510
Multi-Output PMIC with SMPS and LDO
Symbol
Parameter
Min
Typ
Max
Unit
FS0B
FS0BVIL
Low level Input voltage
0.7
—
—
V
FS0BVIH
High level Input voltage
—
—
1.5
V
FS0BHYST
Input voltage hysteresis
100
—
—
mV
FS0BVOL
Low level output voltage (I = 2.0 mA)
—
—
0.4
V
FS0BRPD
Internal pull down resistor
1
2
4
MΩ
FS0BILIM
Current limitation
4.0
—
22
mA
FS0BTSC
Short to high filtering time
500
—
800
μs
FS0BFALL
FS0B Falling time
—
—
10
μs
Table 71. Electrical characteristics
22.8.4 FS0B release
When the fail-safe output FS0B is asserted low by the device due to a fault, three
conditions must be validated before allowing the pin to be released by the device. The
conditions are:
• LBIST_OK = ABIST1_OK = ABIST2_OK = 1
• Fault Error Counter = 0
• FS_RELEASE_FS0B register filled with ongoing WD_SEED bit field (FS_WD_SEED
register) reversed and complemented
WD_SEED[23:16]
B23
B22
B21
B20
B19
B18
B17
B16
FS_RELEASE_
FS0B
Not(B8)
Not(B9)
Not(B10)
Not(B11)
Not(B12)
Not(B13)
Not(B14)
Not(B15)
WD_SEED[15:8]
B15
B14
B13
B12
B11
B10
B9
B8
FS_RELEASE_
FS0B
Not(B16)
Not(B17)
Not(B18)
Not(B19)
Not(B20)
Not(B21)
Not(B22)
Not(B23)
Table 72. FS_RELEASE_FS0B register based on WD_SEED
22.8.5 STBY
STBY is an input that can be connected in the application to the MCU. The standby
input pin polarity can be programmed through the STBY_POLARITY_OTP bit
(CFG_DEVID_OTP register) to either active high in Standby mode/low in Normal mode
or active low in Standby mode/high in Normal mode.
The STBY function is enabled via the STBY_EN_OTP bit (CFG_2_OTP register).
There are two possible paths to enter Standby mode, depending on the
STBY_SAFE_DIS_OTP bit (CFG_2_OTP register) setting:
• The Standard path using only the STBY pin transition
• The Safety path using an I2C request (STBY_REQ bit in the FS_SAFE_IOS register)
and the STBY pin transition
If the Safety path is used, a standby timing window register, enabled by the
STBY_WINDOW_EN_OTP bit (CFG_ 2_OTP register), is used to define the maximum
time between the I2C request and the STBY pin transition.
VR5510
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3 — 3 March 2021
90 / 203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com