Electronic Components Datasheet Search
  English  ▼

X  

WM30 Datasheet(PDF) 10 Page - Carlo Gavazzi Holding AG

Part # WM30
Description  Energy Management Smart Modular Power Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

WM30 Datasheet(HTML) 10 Page - Carlo Gavazzi Holding AG

Back Button WM30 Datasheet HTML 6Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 7Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 8Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 9Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 10Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 11Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 12Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 13Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 14Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Specifications are subject to change without notice WM30 96 DS 071020
WM30 96
Insulation between inputs and outputs
(1): respect another module 4kV, in the same module 0kV.
-: combination not allowed.
NOTE: all the models have, mandatory, to be connected to external current transformers because the isolation among the
current inputs is just functional (100VAC).
Power Supply
(H o L)
Mesuring
inputs
Relay output
(MOR2)
Static ouput
(MOO2)
Serial port
Ethernet port
Analogue
outputs
Power Supply
(H o L)
-
4kV
4kV
4kV
4kV
4kV
4kV
Mesuring inputs
4kV
-
4kV
4kV
4kV
4kV
4kV
Relay output
(MOR2)
4kV
4kV
2kV
-
4kV
4kV
4kV
Static ouput
(MOO2)
4kV
4kV
-
2kV
4kV
4kV
4kV
Serial port
4kV
4kV
4kV
4kV
-
-
4kV
Ethernet port
4kV
4kV
4kV
4kV
-
-
4kV
Analogue outputs
4kV
4kV
4kV
4kV
4kV
4kV
4kV(1)
Mounting
Panel mounting
Protection degree
Front
IP65, NEMA4x, NEMA12
Screw terminals
IP20
Weight
Approx. 420 g (packing
included)
Housing DIN
Dimensions (WxHxD)
Module holder:
96x96x50mm.
“A” and “B” type modules:
89.5x63x16mm.
“C” type module:
89.5x63x20mm.
Max. depth behind the panel
With 3 modules (A+B+C):
81.7 mm
Material
Polycarbonate/ABS/Nylon
PA66, self-extinguishing:
UL 94 V-0
General specifications (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com