Electronic Components Datasheet Search
  English  ▼

X  

WM30 Datasheet(PDF) 8 Page - Carlo Gavazzi Holding AG

Part # WM30
Description  Energy Management Smart Modular Power Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

WM30 Datasheet(HTML) 8 Page - Carlo Gavazzi Holding AG

Back Button WM30 Datasheet HTML 4Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 5Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 6Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 7Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 8Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 9Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 10Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 11Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 12Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Specifications are subject to change without notice WM30 96 DS 071020
WM30 96
Energy consumption
Red LED (only kWh)
kWh pulsating
0.001 kWh/kvarh by pulse
if the Ct ratio by VT ratio is
≤7
0.01 kWh/kvarh by pulse if
the Ct ratio by VT ratio is
≥7.1 ≤70.0
0.1 kWh/kvarh by pulse if
the Ct ratio by VT ratio is
≥70.1 ≤700.0
1 kWh/kvarh by pulse if
the Ct ratio by VT ratio is
≥700.1 ≤7000
10 kWh/kvarh by pulse if
the Ct ratio by VT ratio is
≥7001 ≤70.00k
100 kWh/kvarh by pulse if
the Ct ratio by VT ratio is
>70.01k
Max frequency: 16Hz,
according to EN 62052-11
Back position LEDs
On the base
Green as power-on
On the communication modules
Two LEDs: one for TX
(green) and one for RX
(amber).
Key-pad
For variable selection,
programming of the
instrument working
parameters, “dmd”, “max”,
total energy and partial
energy Reset
Display refresh time
≤ 250 ms
Display
4 lines, 4-DGT, 1 lines,
10-DGT
Type
LCD, single colour
backlight
Digit dimensions
4-DGT: h 9.5mm; 10-DGT:
h 6.0mm
Instantaneous variables read-out 4-DGT
Energies variables read-out
Imported Total/Partial:
8+2DGT, 9+1DGT or
10DGT;
Exported Total/Partial:
8+2DGT, 9+1DGT or
10DGT (with “-“ sign).
Run Hours counter
8+2 DGT (99.999.999
hours and 59 minutes max)
Overload status
EEEE indication when the
value being measured is
exceeding the “Continuous
inputs overload” (maximum
measurement capacity)
Max. and Min. indication
Max. instantaneous
variables: 9999; energies:
9 999 999 999. Min.
instantaneous variables:
0.000; energies 0.00
Front position LEDs
Virtual alarms
4 red LED available in case
of virtual alarm (AL1-AL2-
AL3-AL4). Note: the real
alarm is just the activation
of the proper static or relay
output if the proper module
is available.
Display, LED’s and commands
0
50 A
100 A
4
12 mA
20 mA
0
50 A
100 A
4
12 mA
20 mA
0
50 A
100 A
4
12 mA
20 mA
0
50 A
100 A
4
12 mA
20 mA
System 3-Ph.2 balanced load
3-phase (2-wire), one
current and 1-phase
(L1) to neutral voltage
measurement.
System 2-Ph
2-phase (3-wire)
System 1-Ph
1-phase (2-wire)
Transformer ratio
VT (PT)
1.0 to 999.9 /
1000 to 9999.
CT
1.0 to 999.9 / 1000 to 9999
(up to 10kA in case of CT
with 1A secondary current
and up to 50kA in case
of CT with 5A secondary
current).
Maximum CT ratio x VT ratio
9999 x 9999
Filter
Operating range
Selectable from 0 to 100%
of the input display scale
Filtering coefficient
Selectable from 1 to 32
Filter action
Measurements, analogue
signal retransmission,
serial communication
(fundamental variables:
V, A, W and their derived
ones).
Password
Numeric code of max. 4
digits; 2 protection levels of
the programming data:
1st level
Password “0”, no
protection;
2nd level
Password from 1 to 9999,
all data are protected
System selection
System 3-Ph.n unbalanced load 3-phase (4-wire)
System 3-Ph. unbalanced load
3-phase (3-wire), three
currents and 3-phase
to phase voltage
measurements, or in case
of Aaron connection two
currents (with special
wiring on screw terminals)
and 3-phase to phase
voltage measurements.
System 3-Ph.1 balanced load
3-phase (3-wire), one
current and 3-phase
to phase voltage
measurements
3-phase (4-wire), one
current and 3-phase
to neutral voltage
measurements.
Main functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com