Electronic Components Datasheet Search
  English  ▼

X  

WM30 Datasheet(PDF) 7 Page - Carlo Gavazzi Holding AG

Part # WM30
Description  Energy Management Smart Modular Power Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

WM30 Datasheet(HTML) 7 Page - Carlo Gavazzi Holding AG

Back Button WM30 Datasheet HTML 3Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 4Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 5Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 6Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 7Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 8Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 9Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 10Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 11Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Specifications are subject to change without notice WM30 96 DS 071020
7
WM30 96
Protocol
Profibus DP V0 slave
Baudrate
9.6 k to 12 Mbps (9.6,
19.2, 45.45, 93.75, 187.5,
or 500 kbps; 1.5, 3, 6, or
12 Mbps)
Address
2-125 (default 126)
Note
With the rotary switch
(on the back of the basic
unit) in lock position
the modification of the
programming parameters
and the reset command
by means of the serial
communication is not
allowed. In this case just
the data reading is allowed.
Insulation
See “Insulation between
inputs and outputs” table
Approval
PROFIBUS
Nutzerorganisation e.V.
Output specifications (cont.)
Min. -9,999,999,999 kWh/
kvarh
Max. 9,999,999,999 kWh/
kvarh.
Type
Total energy meters
+kWh, +kvarh, -kWh,
-kvarh
Partial energy meters
+kWh, +kvarh, -kWh,
-kvarh
Meters
Total
4 (8+2, 9+1, 10 digit)
Partial
4 (8+2, 9+1, 10 digit)
Pulse output
Connectable to total and/or
partial meters
Energy meter recording
Storage of total and partial
energy meters.
Energy meter storage
format (EEPROM)
Energy meters
The same for the other
phases: L2, L3.
System
The harmonic distortion
can be measured in 3-wire
or 4-wire systems.
Tw: 0.02 sec@50Hz
without filter
Analysis principle
FFT
Harmonic measurement
Current
Up to the 32nd harmonic
Voltage
Up to the 32nd harmonic
Type of harmonics
THD (VL1 and VL1-N)
The same for the other
phases: L2, L3.
THD (AL1)
Harmonic distortion analysis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com