Electronic Components Datasheet Search
  English  ▼

X  

WM30 Datasheet(PDF) 17 Page - Carlo Gavazzi Holding AG

Part # WM30
Description  Energy Management Smart Modular Power Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

WM30 Datasheet(HTML) 17 Page - Carlo Gavazzi Holding AG

Back Button WM30 Datasheet HTML 12Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 13Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 14Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 15Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 16Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 17Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 18Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 19Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 20Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Specifications are subject to change without notice WM30 96 DS 071020
17
WM30 96
Wiring diagrams
System type selection: 3-Ph.1
2-CT connection
F=315 mA [T]
2-ph, 3-wire
Fig. 11
System type selection: 2-Ph
2-CT and 2-VT/PT connections
2-ph, 3-wire
Fig. 12
1-CT connection
F=315 mA [T]
1-ph, 2-wire
Fig. 13
System type selection: 1-Ph
1-CT and 2-VT/PT connections
3-ph, 3-wire, balanced load
Fig. 10
1-CT and 1-VT/PT connections
1-ph, 2-wire
Fig. 14
90 to 260VAC/DC (H option)
Fig. 15
F= 250V [T] 630mA
18 to 60VAC/DC (L option)
Fig. 16
F= 250V [T] 3,15A
1
2
1
2
Power Supply
L1 L2 L3
S1 S2
I1
L1 L2 L3
S1 S2
I1
L1 L2 N
S1 S2 S1 S2
I1
I2
L1 L2 N
S1 S2 S1 S2
I1
I2
L1
N
S1 S2
I1
L1
N
S1 S2
I1
3-ph, 3-wire, balanced load
Fig. 9
1-CT connections
F=315 mA [T]
+
-
+
-
System type selection: 2-Ph (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com