Electronic Components Datasheet Search
  English  ▼

X  

WM30 Datasheet(PDF) 16 Page - Carlo Gavazzi Holding AG

Part # WM30
Description  Energy Management Smart Modular Power Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

WM30 Datasheet(HTML) 16 Page - Carlo Gavazzi Holding AG

Back Button WM30 Datasheet HTML 12Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 13Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 14Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 15Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 16Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 17Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 18Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 19Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 20Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
Specifications are subject to change without notice WM30 96 DS 071020
WM30 96
3-CT and 3-VT/PT connections
3-ph, 4-wire, unbalanced load
Fig. 4
3-CT connection
F=315 mA [T]
3-ph, 4-wire, unbalanced load
Fig. 3
3-CT and 2-VT/PT connections
3-ph, 3-wire, unbalanced load
Fig. 6
2-CT and 2-VT/PT connections ARON
3-ph, 3-wire, unbalanced load
Fig. 8
2-CT connections (ARON)
F=315 mA [T]
3-ph, 3-wire, unbalanced load
Fig. 7
3-CT connection
F=315 mA [T]
3-ph, 3-wire, unbalanced load
Fig. 5
System type selection: 3-Ph
L1 L2 L3 N S1 S2 S1 S2 S1 S2
I1
I2
I3
Wiring diagrams
1-CT and 1-VT/PT connections
3-ph, 2-wire, balanced load
Fig. 2
1-CT connection
F=315 mA [T]
3-ph, 2-wire, balanced load
Fig. 1
L1 N
S1 S2
I1
L1 N
S1 S2
I1
System type selection: 3-Ph.2
Power Supply
WM30 BACK-VIEW
L1 L2 L3 N S1 S2 S1 S2 S1 S2
I1
I2
I3
L1 L2 L3
S1 S2 S1 S2 S1 S2
I1
I2
I3
L1 L2 L3
S1 S2 S1 S2 S1 S2
I1
I2
I3
L1 L2 L3
S1 S2 S1 S2 S1 S2
I1
I2
I3
L1 L2 L3
S1 S2 S1 S2 S1 S2
I1
I2
I3
System type selection: 3-Ph.n
System type selection: 3-Ph (cont.)
1
+
2
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com