Electronic Components Datasheet Search
  English  ▼

X  

WM30 Datasheet(PDF) 18 Page - Carlo Gavazzi Holding AG

Part # WM30
Description  Energy Management Smart Modular Power Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

WM30 Datasheet(HTML) 18 Page - Carlo Gavazzi Holding AG

Back Button WM30 Datasheet HTML 12Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 13Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 14Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 15Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 16Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 17Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 18Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 19Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 20Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
Specifications are subject to change without notice WM30 96 DS 071020
WM30 96
Analogue 10V DC
RS485 and RS232 wiring diagrams
Static, relay and analogue outputs wiring diagrams
Out1
Out2
1
2
3 4
Opto-mosfet
NOTE. RS485: additional devices provided with RS485 are connected in parallel. The termination of the serial output is car-
ried out only on the last instrument of the network, by means of a jumper between (B+) and (T). The communication RS232
and RS485 ports
can’t be connected and used simultaneously.
Relays
Out1
Out2
1
2
3 4
Analogue 20mA DC
RS485 port
RS232 port
Out 1
2
3
4
Out 2
5
6
7
5
6
7
8
1
2
3
4
Out
1
Out
2
6
7
8
1
2
3
4
6
7
8
1
2
3
4
6
7
8
1
2
3
4
M O O2, M O R2, modules
M O A2, M O V2, modules
M C 485 232, module
Out1
Out2
Out1
Out2
Mandatory
termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com