Electronic Components Datasheet Search
  English  ▼

X  

WM30 Datasheet(PDF) 6 Page - Carlo Gavazzi Holding AG

Part # WM30
Description  Energy Management Smart Modular Power Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

WM30 Datasheet(HTML) 6 Page - Carlo Gavazzi Holding AG

Back Button WM30 Datasheet HTML 2Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 3Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 4Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 5Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 6Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 7Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 8Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 9Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 10Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Specifications are subject to change without notice WM30 96 DS 071020
WM30 96
Data
Dynamic (reading only)
System and phase
variables (BACnet-IP and
Modbus): see table “List of
variables”
Static
(reading and writing only)
All the configuration
parameters (Modbus only)
Note
With the rotary switch
(on the back of the basic
unit) in lock position
the modification of the
programming parameters
and the reset command
by means of the serial
communication is not
allowed anymore. In this
case just the data reading
is allowed.
Insulation
See “Insulation between
inputs and outputs” table
BACnet MS/TP (on request)
Available ports
2: RS485 and Ethernet
RS485 port
Type
Multidrop, mono-directional
(dynamic variables)
Connections
2-wire Max. distance
1000m, termination directly
on the module
Device object instance
0 to 9999 selectable by
key-pad
0 to 2^22-2 = 4.194.302,
selectable by programming
software or by BACnet.
Protocol
BACnet MS/TP (for
measurement reading
purpose and to write object
description)
Supported services
“I have”, “I am”, “Who has”,
“Who is”, “Read (multiple)
Property”
Supported objects
Type 2 (analogue value,
including COV property),
Type 5 (binary-value
for up to 4 virtual alarm
re-transmission)
Type 8 (device)
Data (mono-directional)
Dynamic
System and phase
variables: see table “List of
variables...”
Static
Not available
Data format
1 start bit, 8 data bit, no
parity,1 stop bit
Baud-rate
Selectable: 9.6k, 19.2k,
38.4k or 76.8k kbit/s
Driver input capability
1/5 unit load. Maximum
160 transceivers on the
same bus.
MAC addresses
Selectable: 0 to 127
Ethernet port
Protocol
Modbus TCP/IP (for
programming parameter
purpose)
IP configuration
Static IP / Netmask /
Default gateway
Modbus Port
Selectable (default 502)
Client connections
Modbus only: max 5
simultaneously
Connections
RJ45 10/100 BaseTX Max.
distance 100m
Data
Dynamic (reading only) System and phase
variables: see table “List of
variables...”
Static
(reading and writing only) All the configuration
parameters (Modbus only).
Note
With the rotary switch
(on the back of the basic
unit) in lock position
the modification of the
programming parameters
and the reset command
by means of the serial
communication is not
allowed anymore. In this
case just the data reading
is allowed.
Insulation
See “Insulation between
inputs and outputs” table
Approval
BTL
Profibus (MCPB)
Available ports
2: USB and Profibus DP V0
USB
Purpose
Programmable parameters
setting
Connector
USB micro B
Protocol
Modbus RTU
Data format
1 start bit, 8 data bit,
no parity,1 stop bit
Baudrate
autorange depending on
the master (max
115200 bps)
Address
1
Profibus
Purpose
Data reading (12
programmable profiles
realtime selectable);
remote output control;
remote tariff control;
Modules Selectable:
output up to 4 bytes, input
up to 62 words
Data format (profiles)
totalizers : FLOAT or
INT32;
electrical variables: FLOAT
or INT16;
status variables : UINT16
Connector
RS485 DB9
Output specifications (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com