Electronic Components Datasheet Search
  English  ▼

X  

WM30 Datasheet(PDF) 9 Page - Carlo Gavazzi Holding AG

Part # WM30
Description  Energy Management Smart Modular Power Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

WM30 Datasheet(HTML) 9 Page - Carlo Gavazzi Holding AG

Back Button WM30 Datasheet HTML 5Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 6Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 7Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 8Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 9Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 10Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 11Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 12Page - Carlo Gavazzi Holding AG WM30 Datasheet HTML 13Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Specifications are subject to change without notice WM30 96 DS 071020
9
WM30 96
Main functions (cont.)
- all the max and dmd
values.
- total energies: kWh,
kvarh;
- partial energies: kWh,
kvarh
Harmonic analysis
Up to the 32nd harmonics
on current and voltage
Clock
Functions
Universal clock and calendar.
Time format
Hour: minutes: seconds
with selectable 24 hours or
12H AM/PM format.
Date format
Day-month-year with
selectable DD-MM-YY or
MM-DD-YY format.
Battery life
10 years
Easy programming function
The displayed energy is
always “imported” with the
only exception of “C”, “D”,
“E” and “G” types (see
“display pages” table). For
those latter selections the
energies can be either
“imported” or “exported”
depending on the current
direction.
Displaying
Number of variables
Up to 5 variables per
page. See “Front view”. 7
different set of variables
available (see “Display
pages”) according to
the application being
selected. One page is
freely programmable as
combination of variables.
Backlight
The backlight time is
programmable from 0
(always on) to 255 minutes
Virtual alarms
Working condition
In case of basic unit or
with the addition of M O R2
or M O O2 digital output
modules.
No. of alarms
Up to 4
Working mode
Up alarm and down alarm.
Controlled variables
The alarms can be
connected to any
instantaneous variable
available in the table “List
of the variables that can be
connected to”.
Set-point adjustment
From 0 to 100% of the
display scale
Hysteresis
From 0 to 100% of the
display scale
On-time delay
0 to 255s
Min. response time
≤ 200ms, filters excluded.
Set-point on-time delay:
“0 s”.
Reset
By means of the front key-
pad. It is possible to reset
the following data:
Standard compliance
Safety
IEC60664, IEC61010-1
EN60664, EN61010-1
EN62052-11.
Metrology
EN62053-22, EN62053-23.
Pulse output
IEC62053-31
Approvals
Eligible System
performance Meter for Go
Solar California, CE, cULus
“Listed”
Connections
Screw-type
Cable cross-section area
max. 2.5 mm2.
min./max. screws tightening
torque: 0.4 Nm / 0.8 Nm.
Suggested screws
tightening torque: 0.5 Nm
Operating temperature
-25°C to +55°C (-13°F to
131°F) (R.H. from 0 to 90%
non-condensing @ 40°C)
according to EN62053-21,
EN62053-23
Storage temperature
-30°C to +70°C (-22°F
to 158°F) (R.H. < 90%
non-condensing @ 40°C)
according to EN62053-21,
EN62053-23
Installation category
Cat. III (IEC60664,
EN60664)
Insulation (for 1 minute)
See “Insulation between
inputs and outputs” table
Dielectric strength
4kVAC RMS for 1 minute
Noise rejection CMRR
100 dB, 48 to 62 Hz
EMC
Immunity and emissions
According to EN62052-11
General specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com