Electronic Components Datasheet Search
  English  ▼

X  

UPD301B Datasheet(PDF) 18 Page - Microchip Technology

Part # UPD301B
Description  Stand-alone USB Type-C??Power Delivery 3.0 Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301B Datasheet(HTML) 18 Page - Microchip Technology

Back Button UPD301B Datasheet HTML 14Page - Microchip Technology UPD301B Datasheet HTML 15Page - Microchip Technology UPD301B Datasheet HTML 16Page - Microchip Technology UPD301B Datasheet HTML 17Page - Microchip Technology UPD301B Datasheet HTML 18Page - Microchip Technology UPD301B Datasheet HTML 19Page - Microchip Technology UPD301B Datasheet HTML 20Page - Microchip Technology UPD301B Datasheet HTML 21Page - Microchip Technology UPD301B Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
UPD301B/C
DS00003412A-page 18
2020 Microchip Technology Inc.
4.0
FUNCTIONAL DESCRIPTIONS
This section provides functional descriptions of the following:
• Serial Peripheral Interface (SPI)
• Power States
• Cable Plug Orientation and Detection
• Baseband CC Interface (BCI)
• Power Delivery MAC
• Supported Power Delivery (PD) Functionality
4.1
Serial Peripheral Interface (SPI)
The UPD301B/C integrates a SPI master/slave controller which includes the following features:
• • Full-duplex, four-wire interface (
SPI_MISO, SPI_MOSI, SPI_SCK, SPI_SS)
• • Single-buffered transmitter, double-buffered receiver
• • Supports all four SPI modes of operation
• • Single data direction operation allows alternate function on
SPI_MISO or SPI_MOSI pin
• • Selectable LSB- or MSB-first data transfer
• • Master operation:
- – Serial clock speed, fSCK=1/tSCK(Note 4-1)
- – 8-bit clock generator
• • Slave operation:
- – Serial clock speed, fSCK=1/tSSCK(Note 4-1)
- – Optional 8-bit address match operation
- – Operation in all sleep modes
Note 4-1
For tSCK and tSSCK values, refer to Section 5.6.2, "SPI Timing"
The SPI is a high-speed synchronous data transfer interface which allows high-speed communication between the
device and peripheral devices. The SPI can operate as a master or slave. As a master, the SPI initiates and controls all
data transactions. The SPI is single buffered for transmitting and double buffered for receiving.
When transmitting data, a Data register is loaded with the next character to be transmitted during the current transmis-
sion. When receiving, the data is transferred to the two-level receive buffer, and the receiver is ready for a new character.
The SPI transaction format is shown in Figure 4-1. Each transaction can contain one or more characters. The character
size is configurable, and can be either 8 or 9 bits.
The SPI master pulls the slave select line (
SPI_SS) of the desired slave low to initiate a transaction. The master and
slave prepare data to send via their respective shift registers, and the master generates the serial clock on the
SPI_SCK
line.
Data is always shifted from master to slave on the Master Output Slave Input line (
SPI_MOSI); data is shifted from slave
to master on the Master Input Slave Output line (
SPI_MISO).
Each time character is shifted out from the master, a character will be shifted out from the slave simultaneously. To signal
the end of a transaction, the master will pull the
SPI_SS line high.
FIGURE 4-1:
SPI TRANSACTION FORMAT
SPI_SS
SPI_MOSI/
SPI_MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com