Electronic Components Datasheet Search
  English  ▼

X  

UPD301B Datasheet(PDF) 30 Page - Microchip Technology

Part # UPD301B
Description  Stand-alone USB Type-C??Power Delivery 3.0 Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301B Datasheet(HTML) 30 Page - Microchip Technology

Back Button UPD301B Datasheet HTML 26Page - Microchip Technology UPD301B Datasheet HTML 27Page - Microchip Technology UPD301B Datasheet HTML 28Page - Microchip Technology UPD301B Datasheet HTML 29Page - Microchip Technology UPD301B Datasheet HTML 30Page - Microchip Technology UPD301B Datasheet HTML 31Page - Microchip Technology UPD301B Datasheet HTML 32Page - Microchip Technology UPD301B Datasheet HTML 33Page - Microchip Technology UPD301B Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
UPD301B/C
DS00003412A-page 30
2020 Microchip Technology Inc.
5.0
OPERATIONAL CHARACTERISTICS
5.1
Absolute Maximum Ratings*
Supply Voltage (VCONN_IN) (Note 5-1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3 V to +6.0 V
Supply Voltage (VDD33_ALW_IN, VDD33_IO_IN) (Note 5-1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +6.0 V
Supply Voltage (VDD33_REG_IN, VDD33_ANA_IN) (Note 5-1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +3.8 V
Supply Voltage (VPP18) (Note 5-1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +7.75 V
Pin voltage with respect to ground (Note 5-2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VSS-0.6 V to VDD33_REG_IN+0.6 V
Pin voltage with respect to ground (VBUS_DET_IN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 V to +3.96 V
Pin voltage with respect to ground
(
CC1, CC2, SPI_MOSI_SI, EN_VBUS, RESET_N_COM, VBUS_DIS, I2C_ADDR_SEL)
. . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 V to +6.0 V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +150oC
Lead Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Refer to JEDEC Spec. J-STD-020
HBM ESD Performance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+/-2 kV
Note 5-1
When powering this device from laboratory or system power supplies, it is important that the absolute
maximum ratings not be exceeded or device failure can result. Some power supplies exhibit voltage
spikes on their outputs when AC power is switched on or off. In addition, voltage transients on the
AC power line may appear on the DC output. If this possibility exists, it is suggested to use a clamp
circuit.
Note 5-2
This rating does not apply to the following pins:
VBUS_DET_IN, CC1, CC2, SPI_MOSI_SI, EN_VBUS,
RESET_N_IN, VBUS_DIS
*Stresses exceeding those listed in this section could cause permanent damage to the device. This is a stress rating
only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Functional
operation of the device at any condition exceeding those indicated in Section 5.2, "Operating Conditions**", Section 5.5,
"DC Characteristics", or any other applicable section of this specification is not implied.
5.2
Operating Conditions**
Supply Voltage (VCONN_IN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.75 V to +5.25 V
Supply Voltage (VDD33_ALW_IN, VDD33_IO_IN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +2.97 V to +3.63 V
Supply Voltage (VDD33_REG_IN, VDD33_ANA_IN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +2.97 V to +3.63 V
Supply Voltage (VPP18) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.62 V to +1.98 V
Pin voltage with respect to ground (Note 5-3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +2.00 V
Positive pin voltage with respect to ground (VBUS_DET_IN) . . . . . . . . . . . .
VDD33_IO_IN-0.3 V to VDD33_IO_IN+0.3 V
Negative pin voltage with respect to ground (VBUS_DET_IN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.33 V to -0.27 V
Positive pin voltage with respect to ground
(
CC1, CC2, SPI_MOSI_SI, EN_VBUS, RESET_N_COM, VBUS_DIS, I2C_ADDR_SEL)
. . . . . . . . . . . . . . . . . . . . . . . . +2.97 V to +3.63 V
Negative pin voltage with respect to ground
(
CC1, CC2, SPI_MOSI_SI, EN_VBUS, RESET_N_COM, VBUS_DIS, I2C_ADDR_SEL)
. . . . . . . . . . . . . . . . . . . . . . . . . -0.33 V to -0.27 V
Power Supply Rise Time Max (TRT) (VDD33_IO_IN) (Figure 5-1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100ms
Power Supply Rise Rate Max (VDD33_ANA_IN, VDD33_REG_IN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.1 V/µs
Ambient Operating Temperature in Still Air (TA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Note 5-4
Note 5-3
This rating does not apply to the following pins:
VBUS_DET_IN, CC1, CC2, SPI_MOSI_SI, EN_VBUS,
RESET_N_COM, VBUS_DIS
Note 5-4
0oC to +70oC for commercial version, -40oC to +85oC for industrial version.
**Proper operation of the device is assured only within the ranges specified in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com