Electronic Components Datasheet Search
  English  ▼

X  

UPD301B Datasheet(PDF) 31 Page - Microchip Technology

Part # UPD301B
Description  Stand-alone USB Type-C??Power Delivery 3.0 Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301B Datasheet(HTML) 31 Page - Microchip Technology

Back Button UPD301B Datasheet HTML 27Page - Microchip Technology UPD301B Datasheet HTML 28Page - Microchip Technology UPD301B Datasheet HTML 29Page - Microchip Technology UPD301B Datasheet HTML 30Page - Microchip Technology UPD301B Datasheet HTML 31Page - Microchip Technology UPD301B Datasheet HTML 32Page - Microchip Technology UPD301B Datasheet HTML 33Page - Microchip Technology UPD301B Datasheet HTML 34Page - Microchip Technology UPD301B Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
2020 Microchip Technology Inc.
DS00003412A-page 31
UPD301B/C
5.3
Package Thermal Specifications
FIGURE 5-1:
SUPPLY RISE TIME MODEL
TABLE 5-1:
PACKAGE THERMAL PARAMETERS
Parameter
Symbol
°
C/W
Thermal Resistance Junction to Ambient (@ 0 air flow)
JA
36.6
Thermal Resistance Junction to Top of Case
JC
9.2
Thermal Resistance Junction to Board
JB
15.7
Thermal Resistance Junction to Bottom of Case (@ 0 air flow)
JT
0.2
Note:
Thermal parameters are measured or estimated for devices in a multi-layer 2S2P PCB per JESDN51.
TABLE 5-2:
POWER DISSIPATION
Parameter
Symbol
Max
Units
Power Dissipation
Pdis
214
mW
Note:
This is the worst-case power dissipation as a consequence of maximum loading (before current-limiting
protections take effect) upon the VCONN power switch, 3.3V power-ORing switch, analog blocks, and core
digital logic.
t10%
10%
90%
Voltage
tRT
t90%
Time
100%
3.3V
VSS
VDD33_IO_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com