Electronic Components Datasheet Search
  English  ▼

X  

UPD301B Datasheet(PDF) 25 Page - Microchip Technology

Part # UPD301B
Description  Stand-alone USB Type-C??Power Delivery 3.0 Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301B Datasheet(HTML) 25 Page - Microchip Technology

Back Button UPD301B Datasheet HTML 21Page - Microchip Technology UPD301B Datasheet HTML 22Page - Microchip Technology UPD301B Datasheet HTML 23Page - Microchip Technology UPD301B Datasheet HTML 24Page - Microchip Technology UPD301B Datasheet HTML 25Page - Microchip Technology UPD301B Datasheet HTML 26Page - Microchip Technology UPD301B Datasheet HTML 27Page - Microchip Technology UPD301B Datasheet HTML 28Page - Microchip Technology UPD301B Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
2020 Microchip Technology Inc.
DS00003412A-page 25
UPD301B/C
Figure 4-3 illustrates operation after the UFP has been powered over VBUS by the DFP. After the device is powered,
EN_RD_DB asserts by default to keep the RD_DB pull-down activated.
Upon powering the host CPU, software simultaneously deasserts EN_RD_DB and asserts EN_RD_TRIM. Going for-
ward the device presents RD_TRIM.
The Rd resistor presented, trimmed or untrimmed, is controlled by the CC1 and CC2 Pull-Down Values in the CC Control
Register (CC_CTL). These register fields serve the basis for the EN_RD_TRIM and EN_RD_DB_N control signals
depicted.
FIGURE 4-2:
CC RD (DEAD BATTERY)
FIGURE 4-3:
CC RD (TRIM)
CCx
EN_RD_DB_N
EN_RD_TRIM
Hi-Z
Hi-Z
50 MW
RD_DB
5.1 KW
RD_TRIM
5.1 KW
Rp
UFP
DFP
CCx
EN_RD_DB_N
EN_RD_TRIM
50 MW
RD_DB
5.1 KW
RD_TRIM
5.1 KW
Rp
UFP
DFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com