Electronic Components Datasheet Search
  English  ▼

X  

UPD301B Datasheet(PDF) 7 Page - Microchip Technology

Part # UPD301B
Description  Stand-alone USB Type-C??Power Delivery 3.0 Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301B Datasheet(HTML) 7 Page - Microchip Technology

Back Button UPD301B Datasheet HTML 3Page - Microchip Technology UPD301B Datasheet HTML 4Page - Microchip Technology UPD301B Datasheet HTML 5Page - Microchip Technology UPD301B Datasheet HTML 6Page - Microchip Technology UPD301B Datasheet HTML 7Page - Microchip Technology UPD301B Datasheet HTML 8Page - Microchip Technology UPD301B Datasheet HTML 9Page - Microchip Technology UPD301B Datasheet HTML 10Page - Microchip Technology UPD301B Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
2020 Microchip Technology Inc.
DS00003412A-page 7
UPD301B/C
2.3
Example Applications
The UPD301B/C has been designed for multiple applications, including:
• UPD301B
- Source-Only Applications (E.G., Charging Ports) (UPD301B Only)
- Two-Port, Three-Port, and Four-Port Source-Only Applications (E.G., Automotive Rear Seat Charging)
(UPD301B Only)
• UPD301C
- Bus-Powered or Battery Powered Sink-Only Applications (UPD301C Only)
- Dual Role Power/Data Application (5V Source, High Voltage Sink) (UPD301C Only)
- Dual Role Power/Data Application (High Voltage Source, 5V @ 0A Sink) (UPD301C Only)
- 2-Port Dual Role Power/Data Application ‘Charge-Through Adapter’ (UPD301C Only)
2.3.1
SOURCE-ONLY APPLICATIONS (E.G., CHARGING PORTS) (UPD301B ONLY)
The simplest UPD301B application is a power source (Source-Only), as shown in Figure 2-1. The UPD301B control
I/O configures the DC-DC converter, selecting the output voltage, and controls the load switch to regulate and protect
the output voltage. The load switch can also be replaced by discrete FETs and over-current / over-voltage protection
circuits.
Additional notes on Source-Only Charging Port Applications:
• Supporting USB data is not required for a Charging Port.
• A Power Source Load Switch is optional for Source-Only ports. Source-Only ports are permitted to maintain a
large bulk capacitance on VBUS at all times, even when the port is in the detached state.
• USB3 operation is optional for PD docking ports.
Note:
Single-Port Source, Single-Port Sink, and Dual-Port Source modes are the only supported modes of oper-
ation. Dual-Port Sink and Source + Sink modes are not supported without custom firmware.
FIGURE 2-1:
SYSTEM BLOCK DIAGRAM - SOURCE-ONLY APPLICATION
Microchip
UPD301B
CC1
CC2
VBUS
60W Load 
Switch
DC In
Control I/O
(GPIO, DAC, 
or I
2C)
Load Switch
DC‐DC 
Converter
Optional
VBUS_DET
POWER
RESET
Fault Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com