Electronic Components Datasheet Search
  English  ▼

X  

UPD301B Datasheet(PDF) 6 Page - Microchip Technology

Part # UPD301B
Description  Stand-alone USB Type-C??Power Delivery 3.0 Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301B Datasheet(HTML) 6 Page - Microchip Technology

Back Button UPD301B Datasheet HTML 2Page - Microchip Technology UPD301B Datasheet HTML 3Page - Microchip Technology UPD301B Datasheet HTML 4Page - Microchip Technology UPD301B Datasheet HTML 5Page - Microchip Technology UPD301B Datasheet HTML 6Page - Microchip Technology UPD301B Datasheet HTML 7Page - Microchip Technology UPD301B Datasheet HTML 8Page - Microchip Technology UPD301B Datasheet HTML 9Page - Microchip Technology UPD301B Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
UPD301B/C
DS00003412A-page 6
2020 Microchip Technology Inc.
2.0
INTRODUCTION
2.1
General Description
The UPD301B/C is a stand-alone, small form factor USB Type-C™ Power Delivery (PD) Port Controller designed to
adhere to the USB Type-C™ Cable and Connector Specification and USB Power Delivery 3.0 Specification. The
UPD301B/C provides stand-alone operation for a wide range of PD applications, enabling cable plug orientation and
detection for a USB Type-C receptacle, and implementing baseband communication with a partner USB Type-C device
via the integrated USB Power Delivery 3.0 MAC.
The UPD301B/C is an integrated PD solution with SAMD20 (32-bit ARM Cortex-M0+) microcontroller and UPD350 PD
MAC/PHY functionality. The embedded 32-bit ARM Cortex-M0+ can execute the USB Power Delivery Framework (PSF)
Power Delivery stack. Optionally, a second, third, or fourth PD port is supported via SPI connection of additional external
Microchip UPD350 devices. The UPD301B/C devices are shipped blank and require programming with compiled appli-
cation specific code before operation.
Additionally, the UPD301B/C integrates many of the analog discrete components required for USB Type-C PD applica-
tions, including two VCONN FETs with Rp/Rd switching and current/voltage sense circuitry for over-voltage/current
detection. By integrating the PD firmware and many of the analog discrete components required for USB Type-C PD
applications, the UPD301B/C provides a low cost, stand-alone, fast time-to-market solution for consumer, industrial, and
automotive applications.
The Microchip UPD301B/C family includes the following devices:
• UPD301B
• UPD301C
The UPD301B/C is available in commercial (0°C to +70°C) and industrial/automotive grade 3 (-40°C to +85°C) tempera-
ture ranges. The UPD301B/C is available with dead battery support enabled or disabled in hardware. Device specific
features that do not pertain to the entire UPD301B/C family are called out independently throughout this document.
Table 2-1 provides a summary of the feature differences between family members. For ordering information, refer to the
Product Identification System on page 43.
2.2
USB Power Delivery Software Framework
The PSF firmware stack allows for a wide range of USB Power Delivery applications, including but not limited to: Single
or Multi-Port source Only applications, Bus-Powered Sink applications, Battery-Powered Sink applications, and Dual
Role Data / Dual Role Power applications such as PD-based docking stations or PD-based dongles.
The PSF firmware stack is continuously deployed. Not all features that are able to be supported by the UPD301B/C
device are necessarily supported by PSF. The supported features may be expanded over time. The PSF firmware stack
can be downloaded from the UPD301B/C product page. Refer to the UPD301B/C product page and PSF Online code
repository for details on the currently supported feature set and future development road-map. Additional feature devel-
opment may be requested through Microchip support channels.
TABLE 2-1:
UPD301B/C FAMILY FEATURE MATRIX
UPD301B
40-VQFN
X
X
X
X
X
X
X
UPD301C
40-VQFN
X
X
X
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com