Electronic Components Datasheet Search
  English  ▼

X  

UPD301B Datasheet(PDF) 9 Page - Microchip Technology

Part # UPD301B
Description  Stand-alone USB Type-C??Power Delivery 3.0 Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301B Datasheet(HTML) 9 Page - Microchip Technology

Back Button UPD301B Datasheet HTML 5Page - Microchip Technology UPD301B Datasheet HTML 6Page - Microchip Technology UPD301B Datasheet HTML 7Page - Microchip Technology UPD301B Datasheet HTML 8Page - Microchip Technology UPD301B Datasheet HTML 9Page - Microchip Technology UPD301B Datasheet HTML 10Page - Microchip Technology UPD301B Datasheet HTML 11Page - Microchip Technology UPD301B Datasheet HTML 12Page - Microchip Technology UPD301B Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
2020 Microchip Technology Inc.
DS00003412A-page 9
UPD301B/C
2.3.3
BUS-POWERED OR BATTERY POWERED SINK-ONLY APPLICATIONS (UPD301C ONLY)
An example of a bus powered power sink (Sink-Only) application is shown in Figure 2-3. A bus powered Sink-Only appli-
cation derives all power from the upstream VBUS connection and does not have any other power source. The UPD301C
device with dead battery support should be selected for all Sink-Only devices. The dead battery Rp terminations allow
the Sink-Only device to be detected and powered from an attached DFP port when connected in an unpowered state.
Additional notes on Bus-Power or Battery Powered Sink-Only Applications:
• USB data support is optional.
• If USB3 data is supported, a 2:1 multiplexer may be required to handle Type-C cable insertion reversibility. Device
controllers and hubs specifically designed to support USB Type-C may also integrate the reversibility functionality.
• USB Alternate Modes may also be supported in Sink-Only applications.
• DisplayPort support is optional for mobile device ports.
• USB2 signals may be connected directly to the Type-C connector; a multiplexer is not necessary as long as the
USB2 signal layout is carefully managed to keep branches at a minimum.
FIGURE 2-3:
SYSTEM BLOCK DIAGRAM - SINK-ONLY APPLICATION
Microchip
UPD301C*
*With Dead Battery
Support Enabled
CC1
CC2
LDO
VBUS
Power Sink 
Load Switch
To
System Power
or
Battery Charger
VBUS_DET
Misc.
 SOC/MCU/ 
External Logic
Charging 
Capability 
Indication 
(i.e.: GPIO, 
DAC, I
2C)
USB Device / 
Hub Upstream 
Port
2:1
Data 
Mux
USB3
USB2
ORIENTATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com