Electronic Components Datasheet Search
  English  ▼

X  

VT8601 Datasheet(PDF) 137 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 137 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 133Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 134Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 135Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 136Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 137Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 138Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 139Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 140Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 141Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-131
3D Graphics Engine Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
GEbase + 7C – Alpha ........................................................RW
31-16 Reserved
........................................ always reads 0
15-8 Source Constant Alpha
7-0
Destination Constant Alpha
GEbase + 84 – Bit Mask....................................................RW
31-0 Bit Mask
One bits indicate that the corresponding color bit will
not be written to the frame buffer.
GEbase + 80 – Alpha Function ........................................ RW
31-24 Reserved
........................................ always reads 0
23
Alpha Write
0
Disable................................................... default
1
Enable. Draw each pixel with a blended alpha
value if alpha blending is enabled. Otherwise
draw with source alpha (the upper byte of the
Foreground Color register if not available).
This bit should be set in 8-bit and 16-bit color modes.
22
Constant Source Alpha
0
Disable .................................................. default
1Enable
21
Constant Destination Alpha
0
Disable .................................................. default
1Enable
20
Result Alpha
0
The result of blending ........................... default
1
Source alpha
19-16 Alpha Test Function
0000 Never accept the pixel
0001 Accept if alpha < reference alpha
0010 Accept if alpha == reference alpha
0011 Accept if alpha <= reference alpha
0100 Accept if alpha > reference alpha
0101 Accept if alpha != reference alpha
0110 Accept if alpha >= reference alpha
0111 Always accept the pixel
1xxx -reserved-
15-8 Reference Alpha Value
7-4
Destination Blending Factor
0000 (0,0,0,0)
0001 (1,1,1,1)
0010 (RS,GS,BS,AS)
0011 (1,1,1,1) - (RS,GS,BS,AS)
0100 (AS,AS,AS,AS)
0101 (1,1,1,1) – (AS,AS,AS,AS)
0110 (AD,AD,AD,AD)
0111 (1,1,1,1) – (AD,AD,AD,AD)
1xxx -reserved-
3-0
Source Blending Factor
0000 (0,0,0,0)
0001 (1,1,1,1)
001x -reserved-
0100 (AS,AS,AS,AS)
0101 (1,1,1,1) – (AS,AS,AS,AS)
0110 (AD,AD,AD,AD)
0111 (1,1,1,1) – (AD,AD,AD,AD)
1000 (RD,GD,BD,AD)
1001 (1,1,1,1) - (RD,GD,BD,AD)
1010 (F,F,F,1); F = min (AS, 1-AD)
1011 -reserved-
11xx -reserved-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com