Electronic Components Datasheet Search
  English  ▼

X  

VT8601 Datasheet(PDF) 135 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 135 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 131Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 132Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 133Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 134Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 135Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 136Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 137Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 138Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 139Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-129
3D Graphics Engine Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
GEbase + 50 – Texture Function......................................RW
31-22 Maximum U
21-12 Minimum U
11-5 Reserved
........................................ always reads 0
4Mask
0
Disable
1Enable
3-2
Texture Alpha
00 Texel alpha
01 Source alpha
10 Modulated alpha: texel alpha x source alpha
11 -reserved-
1-0
Texture Color
00 Texel color
01 Source color
10 Modulated color: texel color x source color
11 -reserved-
GEbase + 54 – Clipping Window 0 ..................................RW
31-28 Reserved
........................................ always reads 0
27-16 Clipping Window Top ............................. default = 0
15-12 Reserved
........................................ always reads 0
11-0 Clipping Window Left ............................ default = 0
GEbase + 58 – Clipping Window 1 ..................................RW
31-28 Reserved
........................................ always reads 0
27-16 Clipping Window Bottom........................ default = 0
15-12 Reserved
........................................ always reads 0
11-0 Clipping Window Right .......................... default = 0
GEbase + 60 – Color 0 (Foreground) .............................. RW
31-0 Foreground Color Value
GEbase + 64 – Color 1 (Background) ............................. RW
31-0 Background Color Value
Note: In 16- and 8- bit modes, the color must be duplicated to
fill an entire 32-bit word. 32-bit color is in ARGB format
(i.e., Alpha, Red, Green, and Blue in bytes 3-0 respectively)
and 16-bit color is in RGB 565 format (5 bits of Red, 6 bits of
Green, and 5 bits of Blue).
GEbase + 68 – Color Key ................................................. RW
31-26 Reserved
........................................ always reads 0
25
Destination Polarity
0
Draw on Equal
1
24
Source Polarity
0
Draw on Equal
1
23-0 Destination Color Key Color
Unlike foreground and background, the color is not
replicated in 16-bit or 8-bit modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com