Electronic Components Datasheet Search
  English  ▼

X  

VT8601 Datasheet(PDF) 131 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 131 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 127Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 128Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 129Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 130Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 131Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 132Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 133Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 134Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 135Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-125
3D Graphics Engine Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Specular / Fog Start Value
The specular / fog start value is used for specular shading or
fogging.
DoubleWord 0 – Start Value
31-24 Initial Fog Value
Initial Fog value on main edge (left edge of trapezoid
or long edge of triangle). Unsigned integer.
23-16 Initial Red Value
Initial Red value on main edge (left edge of trapezoid
or long edge of triangle). Unsigned integer.
15-8 Initial Green Value
Initial Green value on main edge (left edge of
trapezoid or long edge of triangle). Unsigned integer.
7-0
Initial Blue Value
Initial Blue value on main edge (left edge of
trapezoid or long edge of triangle). Unsigned integer.
Specular Parameters
Specular parameters are used for specular shading.
These
parameters are not present in flat color mode and consist of
starting values incremental along the main direction ((dx, dy) =
(M1, 1)), and incremental along the X axis.
DoubleWord 0 – X-Axis Blue Gradient
31-0 X-Axis Blue Gradient
Gradient of Blue along the X axis over the primitive
surface. Signed 20.12 number.
DoubleWord 1 – Y-Axis Blue Gradient
31-0 Y-Axis Blue Gradient
Gradient of Blue along the Y axis over the primitive
surface. Signed 20.12 number.
DoubleWord 2 – X-Axis Green Gradient
31-0 X-Axis Green Gradient
Gradient of Green along the X axis over the primitive
surface. Signed 20.12 number.
DoubleWord 3 – Y-Axis Green Gradient
31-0 Y-Axis Green Gradient
Gradient of Green along the Y axis over the primitive
surface. Signed 20.12 number.
DoubleWord 4 – X-Axis Red Gradient
31-0 X-Axis Red Gradient
Gradient of Red along the X axis over the primitive
surface. Signed 20.12 number.
DoubleWord 5 – Y-Axis Red Gradient
31-0 Y-Axis Red Gradient
Gradient of Red along the Y axis over the primitive
surface. Signed 20.12 number.
Fog Parameters
Fog parameters are used for fogging. These parameters are
not present in flat color mode and consist of starting values
incremental along the X and Y axis.
DoubleWord 0 – X-Axis Fog Gradient
31-0 X-Axis Fog Gradient
Gradient of Fog along the X axis over the primitive
surface. Signed 20.12 number.
DoubleWord 1 – Y-Axis Fog Gradient
31-0 Y-Axis Fog Gradient
Gradient of Fog along the Y axis over the primitive
surface. Signed 20.12 number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com