Electronic Components Datasheet Search
  English  ▼

X  

VT8601 Datasheet(PDF) 129 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 129 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 125Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 126Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 127Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 128Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 129Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 130Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 131Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 132Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 133Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-123
3D Graphics Engine Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Color Parameters
Color parameters are used for Gouraud shading. They consist
of starting values, incremental along the X and Y axis. In flat
color mode, this parameter only has the starting value.
DoubleWord 0 – Initial Values
31-24 Initial Alpha Value
Initial Alpha value on main edge (left edge of
trapezoid or long edge of triangle). Unsigned integer.
23-16 Initial Red Value
Initial Red value on main edge (left edge of trapezoid
or long edge of triangle). Unsigned integer.
15-8 Initial Green Value
Initial Green value on main edge (left edge of
trapezoid or long edge of triangle). Unsigned integer.
7-0
Initial Blue Value
Initial Blue value on main edge (left edge of
trapezoid or long edge of triangle). Unsigned integer.
DoubleWord 1 – X-Axis Blue Gradient
31-0 X-Axis Blue Gradient
Gradient of Blue along the X axis over the primitive
surface. Signed 20.12 number.
DoubleWord 2 – Y-Axis Blue Gradient
31-0 Y-Axis Blue Gradient
Gradient of Blue along the Y axis over the primitive
surface. Signed 20.12 number.
DoubleWord 3 – X-Axis Green Gradient
31-0 X-Axis Green Gradient
Gradient of Green along the X axis over the primitive
surface. Signed 20.12 number.
DoubleWord 4 – Y-Axis Green Gradient
31-0 Y-Axis Green Gradient
Gradient of Green along the Y axis over the primitive
surface. Signed 20.12 number.
DoubleWord 5 – X-Axis Red Gradient
31-0 X-Axis Red Gradient
Gradient of Red along the X axis over the primitive
surface. Signed 20.12 number.
DoubleWord 6 – Y-Axis Red Gradient
31-0 Y-Axis Red Gradient
Gradient of Red along the Y axis over the primitive
surface. Signed 20.12 number.
DoubleWord 7 – X-Axis Alpha Gradient
31-0 X-Axis Alpha Gradient
Gradient of Alpha along the X axis over the primitive
surface. Signed 20.12 number.
DoubleWord 8 – Y-Axis Alpha Gradient
31-0 Y-Axis Alpha Gradient
Gradient of Alpha along the Y axis over the primitive
surface. Signed 20.12 number.
Z Value Parameters
To the Rasterization Engine, the Z value is always a 25.8
signed integer internally regardless of Z buffer depth.
It
always passes a 24-bit unsigned integer to the Pixel Engine. It
is the Pixel Engine’s responsibility to scale Z to the depth of
the Z buffer.
Z parameters are used to calculate depth
information. Z values consist of starting values, incremental
along the X and Y axis.
DoubleWord 0 – Initial Z Value
31-0 Initial Z Value
Initial Z value on main edge (left edge of trapezoid or
long edge of triangle). Signed 25.7 integer.
DoubleWord 1 – X-Axis Z Gradient
31-0 X-Axis Z Gradient
Gradient of Z along the X axis over the primitive
surface. Signed 25.7 number.
DoubleWord 2 – Y-Axis Z Gradient
31-0 Y-Axis Z Gradient
Gradient of Z along the Y axis over the primitive
surface. Signed 25.7 number.
DoubleWord 3 – Minimum Z Threshold
31-24 Reserved
................................................... ignored
23-0 Minimum Z Threshold
Minimum of Z threshold. Unsigned 24-bit integer.
DoubleWord 4 – Maximum Z Threshold
31-24 Reserved
................................................... ignored
23-0 Maximum Z Threshold
Maximum of Z threshold. Unsigned 24-bit integer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com