Electronic Components Datasheet Search
  English  ▼

X  

VT8601 Datasheet(PDF) 126 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 126 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 122Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 123Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 124Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 125Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 126Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 127Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 128Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 129Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 130Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-120
3D Graphics Engine Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
GEbase + 30 – RE Primitive Attribute ............................RW
31
Z Parameter
0
Absent ....................................................default
1
Present (Rasterization Engine calculates Z
slope)
30
Texture Parameter
0
Absent ....................................................default
1
Present (RE calculates texture info)
29
Perspective Factor Parameter
0
Absent ....................................................default
1
Present (RE performs perspective correction)
28
Color Parameter
0
Absent ....................................................default
1
Present
(RE
calculates
Gouraud
color
(RGBA))
27
Specular Color Parameter
0
Absent ....................................................default
1
Present (RE calculates specular color)
26
Fog Parameter
0
Absent ....................................................default
1
Present (RE calculates fog)
25
Step Mode
0
Disable ...................................................default
1
Enable (RE will process the next primitive
only when it finishes the current primitive. No
parallelism exists between primitives)
24-20 Reserved
........................................ always reads 0
19-15 LOD Adjust .............................................. default = 0
3.2 signed # to be added to calculate the LOD value
14-7 Reserved
........................................ always reads 0
6
Z Normalization (Setup Engine Only)
0
Disable................................................... default
1Enable
5Flat Mode (applies to diffuse color, alpha, specular
color, and fog)
0
Smooth color or no color ....................... default
1
Flat color. RE forces deltas to 0.
4
Full Vertex Info
0
Disable................................................... default
1
Enable.
Indicates that all vertex data are
needed for the triangle. Software still needs to
set bits 31-25. However in this case, the data
order in a vertex is:
X, Y, Z, W, RGBA,
SrgbF, U, V. Even though the vertex actually
contains
all
the
data,
software
doesn’t
necessarily set this bit. When this bit is not
set, hardware decodes vertex data as described
in the Vertex Register descriptions.
3
Sub-Pixel Precision (Rasterization Engine Only)
0
Disable................................................... default
1Enable
2
Anti-Aliasing (RE Only)
0
Disable (walk at pixel precision) ........... default
1
Enable (walk at sub-pixel precision)
1
Auto Direction for Scan Line Ends (RE Only)
0
Disable................................................... default
1
Enable. Bits 31-2 must be 0. Scan order is
passed to the Pixel Engine based on the
comparison result of two end points instead of
the bit in the Primitive Type register. Software
should only use this bit for 2D polygons with
Bresenham edge walking.
0
Bresenham Edge Walking (RE Only)
0
Use DDA to walk through edges ........... default
1
Use Bresenham algorithm to walk through
edges
This register is decoded by the Setup Engine and passed to the
Rasterization Engine by the Setup Engine. This register and
its equivalent part in the Rasterization Engine are “partially”
pipelined in the sense that there are only two levels of pipe for
this register in both engines while there are many levels for
other data.
The two levels are the decoding level and the
execution level. Both the Rasterization Engine and the Setup
Engine use this register to decide what kind of operation to
perform and what kind of data stream to expect. It must be set
before any parameter can be loaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com