Electronic Components Datasheet Search
  English  ▼

X  

VT8601 Datasheet(PDF) 127 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 127 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 123Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 124Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 125Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 126Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 127Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 128Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 129Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 130Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 131Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-121
3D Graphics Engine Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
GEbase + 3C – RE Primitive Type ................................. WO
Writing to this register signals the Graphics Engine to begin
sequential loading, but doesn’t cause anything to be drawn..
The engine will interpret the contents of this register and
decide the amount and types of parameters to expect.
31-30 Loading Target
00 Rasterization Engine.
Send bits 19-0 to the
RE. Sequential loading data will also be sent
to the RE.................................................default
01 Setup Engine.
Send bits 29-0 to the SE.
Sequential loading data will also be sent to the
SE. Internally, a flag is set to prevent the SE
from decoding the data and sending it to the
RE. The SE will clear this flag when it is idle.
1x -reserved-
29
Null Primitive
0
Regular Primitive ...................................default
1
Null Primitive
28
Last Primitive
0
Regular Primitive ...................................default
1
Last Primitive
27-26 Operation Code (RE Target Only)
00 Line
.....................................................default
01 Polygon
1x -reserved-
25
Major Edge Parameter
0
Parameter is Absent (parameter stream doesn’t
include values for the iterators) ..............default
1
Parameter is Present (parameter stream also
includes values for the iterators)
24
Major Edge Anti-Aliasing
0
Don’t anti-alias major edge ....................default
1
Anti-alias major edge (effective only if E = 1)
23
Minor Edge Parameter
0
Absent ....................................................default
1Present
22
Minor Edge Anti-Aliasing
0
Don’t anti-alias minor edge ....................default
1
Anti-alias minor edge (effective only if M = 1)
21
Scan Direction
0
Positive (Major edge = left edge). ..........default
1
Negative (Major edge = right edge)
20-16 Reserved
........................................ always reads 0
15-0 End Coordinate ....................................... default -= 0
End coordinate of the primitive (inclusive).
12.4
signed integer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com