Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 4Page - Texas Instruments OPA607 Datasheet HTML 5Page - Texas Instruments OPA607 Datasheet HTML 6Page - Texas Instruments OPA607 Datasheet HTML 7Page - Texas Instruments OPA607 Datasheet HTML 8Page - Texas Instruments OPA607 Datasheet HTML 9Page - Texas Instruments OPA607 Datasheet HTML 10Page - Texas Instruments OPA607 Datasheet HTML 11Page - Texas Instruments OPA607 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
7.6 Typical Characteristics
At TA = +25°C, VS = 5.5 V, RL = 10 kΩ, RF= 5 kΩ, CF= 2.5 pF, VCM = midsupply – 0.5 V, G = 6 V/V (unless otherwise noted).
Frequency (Hz)
-20
-60
0
-30
20
0
40
30
60
60
80
90
100
120
120
150
140
180
1
10
100
1k
10k
100k
1M
10M
100M
D002
Magnitude (dB)
Phase (q)
.
.
.
Figure 7-1. Open Loop Gain and Phase vs Frequency
Frequency (Hz)
10
100
1k
10k
100k
1
10
100
D010
.
.
.
Figure 7-2. Input Voltage Noise Density vs Frequency
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
100M
0.01
0.1
1
10
100
D101
.
.
.
Figure 7-3. Input Current Noise Density vs Frequency
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
D003
Gain = 6 V/V
Gain = 5 V/V
Gain = 10 V/V
Gain = 20 V/V
.
VOUT = 20 mVPP
.
Figure 7-4. Small-Signal Frequency Response vs Gain
Frequency (Hz)
-12
-9
-6
-3
0
3
100k
1M
10M
100M
D005
CL = 10 pF
CL = 5 pF
CL = 22 pF
.
VOUT = 20 mVPP
.
Figure 7-5. Small-Signal Frequency Response vs Capacitive
Load
Frequency (Hz)
-12
-9
-6
-3
0
3
100k
1M
10M
100M
D004
RL = 10 k:
RL = 2 k:
.
VOUT = 20 mVPP
.
Figure 7-6. Small-Signal Frequency Response vs Output Load
OPA607-Q1, OPA2607-Q1
SBOSA38A – FEBRUARY 2021 – REVISED APRIL 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA607-Q1 OPA2607-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com