Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 6Page - Texas Instruments OPA607 Datasheet HTML 7Page - Texas Instruments OPA607 Datasheet HTML 8Page - Texas Instruments OPA607 Datasheet HTML 9Page - Texas Instruments OPA607 Datasheet HTML 10Page - Texas Instruments OPA607 Datasheet HTML 11Page - Texas Instruments OPA607 Datasheet HTML 12Page - Texas Instruments OPA607 Datasheet HTML 13Page - Texas Instruments OPA607 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
7.6 Typical Characteristics (continued)
At TA = +25°C, VS = 5.5 V, RL = 10 kΩ, RF= 5 kΩ, CF= 2.5 pF, VCM = midsupply – 0.5 V, G = 6 V/V (unless otherwise noted).
Time (nsec)
-4
-3
-2
-1
0
1
2
3
4
500
1000
0
1500
2000
2500
3000
D012
VOUT
VIN x 6 V/V
.
.
.
Figure 7-13. Output Overdrive Recovery
Time (nsec)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
500
1000
1500
2000
D013
VOUT
VIN u 6
.
TRISE = 1 µsec , TFALL = 0.7 µsec
.
Figure 7-14. Large-Signal Transient Response
Time (nsec)
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0
500
1000
1500
2000
D014
VIN u 6
VOUT
.
TRISE = TFALL = 40 nsec
.
Figure 7-15. Small-Signal Transient Response
Capacitive Load (F)
0
10
20
30
40
50
60
70
80
10p
100p
D020
VS = 2.2V
VS = 5.5V
.
.
.
Figure 7-16. Phase Margin vs Capacitive Load
Time (100 nsec/div)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
D026
VIN
VOUT Gain = 6 V/V
VOUT Gain = 10 V/V
VOUT Gain = 20 V/V
VOUT Gain = 40 V/V
.
Simulated
.
Figure 7-17. Step Settling Time
CLOAD (F)
0
10
20
30
40
50
60
70
80
90
100
10p
100p
1n
10n
D025
Gain = 6 V/V
Gain = 10 V/V
Gain = 20 V/V
Gain = 40 V/V
.
.
.
Figure 7-18. Recommended Isolation Resistor vs Capacitive
Load
OPA607-Q1, OPA2607-Q1
SBOSA38A – FEBRUARY 2021 – REVISED APRIL 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA607-Q1 OPA2607-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com