Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 21Page - Texas Instruments OPA607 Datasheet HTML 22Page - Texas Instruments OPA607 Datasheet HTML 23Page - Texas Instruments OPA607 Datasheet HTML 24Page - Texas Instruments OPA607 Datasheet HTML 25Page - Texas Instruments OPA607 Datasheet HTML 26Page - Texas Instruments OPA607 Datasheet HTML 27Page - Texas Instruments OPA607 Datasheet HTML 28Page - Texas Instruments OPA607 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
tR (10% to 90%) = 0.35 Hz / BW
(3)
For an ADC like ADS7042 running at a sampling rate of 500 kSPS of a clock of 12.5 MHz, the effective
bandwidth of the op amp required to drive such an ADC is approximately 2.7 MHz. See the TI precision lab
videos on driving SAR ADCs to understand the underlying calculation. The OPAx607-Q1 has a GBW of 50 MHz.
With a gain of 20 V/V, the closed loop bandwidth turns out to approximately 2.5 MHz, making this device the
most suitable, cost-optimized amplifier for this application. The RC charge bucket (240 Ω and 688 pF in Figure
9-12) designed at the input of the SAR ADC is derived from the calculations provided in the SAR ADC precision
lab videos. The fundamental concept behind the design of this charge bucket filter is to ensure that the sample
and hold capacitor is charged to the required final voltage within the acquisition window of the ADC.
As shown in Figure 9-14, a DC accuracy of higher than 0.05% is achieved with the OPAx607-Q1. The
simulations are captured with and without voltage offset calibration. Frequency response shown in Figure 9-13
indicate different signal bandwidth at VOUT, VADC and with and without CF of 220 pF.
9.2.4.3 Application Curves
Frequency (Hz)
-30
-24
-18
-12
-6
0
6
12
18
24
30
100
1k
10k
100k
1M
10M
100M
D010
VADC
VOUT
VOUT , CF = 220 pF
Figure 9-13. Frequency Response of Low Side
Current Sensing
Current across RSH (A)
-20
-15
-10
-5
0
5
10
15
20
25
30
-2
-0.2
-1.2
-0.16
-0.4
-0.12
0.4
-0.08
1.2
-0.04
2
0
2.8
0.04
3.6
0.08
4.4
0.12
5.2
0.16
6
0.2
D003
Measured Output
Ideal Output
% Error w/o callibration
% Error with callibration
Figure 9-14. DC Current-Sense Transfer Function
10 Power Supply Recommendations
The OPAx607-Q1 devices are specified for operation from 2.2 V to 5.5 V (±1.1 V to ±2.75 V), applicable from
–40°C to +125°C. Place 0.1-µF bypass capacitors close to the power-supply pins to reduce errors coupling in
from noisy or high-impedance power supplies.
CAUTION
Supply voltages larger than 6 V can permanently damage the device (see Section 7.1).
For more detailed information on bypass capacitor placement, see Section 11.1.
www.ti.com
OPA607-Q1, OPA2607-Q1
SBOSA38A – FEBRUARY 2021 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: OPA607-Q1 OPA2607-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com