Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 12Page - Texas Instruments OPA607 Datasheet HTML 13Page - Texas Instruments OPA607 Datasheet HTML 14Page - Texas Instruments OPA607 Datasheet HTML 15Page - Texas Instruments OPA607 Datasheet HTML 16Page - Texas Instruments OPA607 Datasheet HTML 17Page - Texas Instruments OPA607 Datasheet HTML 18Page - Texas Instruments OPA607 Datasheet HTML 19Page - Texas Instruments OPA607 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
8.3.3 Input and ESD Protection
When the primary design goal is a linear amplifier with high CMRR, do not exceed the op amp input common-
mode voltage range (VCM). This CMRR is used to set the common-mode input range specifications in Section
7.1. The typical VCM specifications for the OPAx607-Q1 devices are from the negative rail to 1.1 V below
the positive rail. Assuming the op amp is in linear operation, the voltage difference between the input pins
is small (ideally 0 V) and the input common-mode voltage can be analyzed at either input pin; the other
input pin is assumed to be at the same potential. The voltage at VIN+ is easy to evaluate. In a noninverting
configuration (Figure 8-1) the input signal, VIN+, must not exceed the VCM rating. However, in an inverting
amplifier configuration, VIN+ must be connected to the voltage within VCM. The input signal applied at VIN- can be
any voltage, such that the output voltage swings with a headroom of 10 mV from either of the supply rails.
The input voltage limits have fixed headroom to the power rails and track the power-supply voltages. For single
5-V supply, the linear input voltage range is 0 V to 3.9 V and with a 2.2-V supply this range is 0 V to 1.1 V. The
headroom to each power-supply rail is the same in either case: 0 V and 1.1 V. A weak NMOS input pair from
VIN+ to VIN+ – 1.1 V ensures that an output phase reversal issue does not occur when the VCM is violated.
Power-Supply
ESD Cell
VSS
VDD
TVS
VS+
OPAx607-Q1
+
±
V6¤
OUT
IN+
IN-
Figure 8-4. Internal ESD Structure
The OPAx607-Q1 devices also incorporate internal electrostatic discharge (ESD) protection circuits on all pins.
For the input and output pins, this protection primarily consists of current-steering diodes connected between
the input and power-supply pins. These ESD protection diodes provides input overdrive protection, as long as
the current is limited with a series resistor to 10 mA, as stated in Section 7.1. Figure 8-1 shows a series input
resistor can be added to the driven input to limit the input current.
OPA607-Q1, OPA2607-Q1
SBOSA38A – FEBRUARY 2021 – REVISED APRIL 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA607-Q1 OPA2607-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com