Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 16Page - Texas Instruments OPA607 Datasheet HTML 17Page - Texas Instruments OPA607 Datasheet HTML 18Page - Texas Instruments OPA607 Datasheet HTML 19Page - Texas Instruments OPA607 Datasheet HTML 20Page - Texas Instruments OPA607 Datasheet HTML 21Page - Texas Instruments OPA607 Datasheet HTML 22Page - Texas Instruments OPA607 Datasheet HTML 23Page - Texas Instruments OPA607 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
9.2.1.2 Detailed Design Procedure
Designs that require high bandwidth from a large area detector with relatively high transimpedance-gain benefit
from the low input voltage noise of the OPAx607-Q1 devices. Use the Excel™ calculator available at What
You Need To Know About Transimpedance Amplifiers – Part 1 to help with the component selection based on
total input capacitance and CTOT. CTOT is referred as CIN in the calculator. CTOT is the sum of CD, CDIFF, and
CCM which is 20 pF. Using this value of CTOT, and the targeted closed-loop bandwidth (f–3dB) of 2 MHz and
transimpedance gain of 100 kΩ results in amplifier GBW of approximately 50 MHz and a feedback capacitance
(CF) of 1.1 pF as shown in Figure 9-2. These results are for a Butterworth response with a Q = 0.707 and a
phase margin of approximately 65° which corresponds to 4.3% overshoot.
Closed-loop TIA Bandwidth (f-3dB)
2.00
MHz
Feedback Resistance (RF)
100.00
kOhm
Input Capacitance (CIN)
20.00
pF
Opamp Gain Bandwidth Product (GBP)
50.27
MHz
Feedback Capacitance (CF)
1.110
pF
Calculator II
Figure 9-2. Results of Inputting Design Parameters in the TIA Calculator
The OPA607-Q1's 50 MHz GBW, is suitable for the above design requirements. If the required feedback
capacitance CF comes out to be a very low value capacitor to be practically achievable, a T-Network capacitor
circuit as shown below can be used. A very low capacitor value (CEQ) can be achieved between Port1 and Port2
using standard value capacitors in a T-Network circuit as shown in Figure 9-3.
1
2
EQ
1
2
T
C
C
C
C
C
C
u
(1)
C
1
C
2
C
T
GND
Port
1
Port
2
Figure 9-3. T-Network
9.2.1.3 Application Curves
Frequency (Hz)
0
-400
10
-360
20
-320
30
-280
40
-240
50
-200
60
-160
70
-120
80
-80
90
-40
100
0
110
40
120
80
10k
100k
1M
10M
100M
TIA_
Gain (dB)
Phase (q)
Figure 9-4. Simulated Closed-Loop Bandwidth of
TIA
Time (50 Psec/Div)
0
1
2
3
4
5
6
OPA6
VOUT
IPD
Figure 9-5. Simulated Time Domain Response
OPA607-Q1, OPA2607-Q1
SBOSA38A – FEBRUARY 2021 – REVISED APRIL 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA607-Q1 OPA2607-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com