Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 14Page - Texas Instruments OPA607 Datasheet HTML 15Page - Texas Instruments OPA607 Datasheet HTML 16Page - Texas Instruments OPA607 Datasheet HTML 17Page - Texas Instruments OPA607 Datasheet HTML 18Page - Texas Instruments OPA607 Datasheet HTML 19Page - Texas Instruments OPA607 Datasheet HTML 20Page - Texas Instruments OPA607 Datasheet HTML 21Page - Texas Instruments OPA607 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
8.4 Device Functional Modes
The Automotive grade of the OPAx607-Q1 family has only one functional modes: normal operating mode. The
PD mode exists only in some of the packages made available in the industrial grade of the OPAx607-Q1 family.
8.4.1 Normal Operating Mode
The OPAx607-Q1 devices are operational when the power-supply voltage is between 2.2 V (±1.1 V) and 5.5
V (±2.75 V). Most newer systems use a single power supply to improve efficiency and simplify the power tree
design. The OPAx607-Q1 devices can be used with a single-supply power (VS– connected to GND) with no
change in performance from split supply, as long as the input and output pins are biased within the linear
operating region of the device. The valid input and output voltage ranges are given in Section 7.5. The outputs
nominally swing rail-to-rail with approximately 10-mV headroom required for linear operation. The inputs can
typically swing up to the negative rail (typically ground) and to within 1.1 V from the positive supply. Figure 8-6
shows changing from a ±2.5-V split supply to a 5-V single-supply.
Bias
+
±
RF
OPAx607-Q1
Signal and bias to
next stage
Gain × VSIG
VSIG
5 V
VOUT
Signal and bias from
previous stage
RG
Gain × Bias
+
±
RF
OPAx607-Q1
2.5 V
VOUT
RG
-2.5 V
Signal and bias to
next stage
Gain × VSIG
Gain × Bias
Bias
VSIG
Signal and bias from
previous stage
Figure 8-6. Single-Supply and Dual-Supply Operation
OPA607-Q1, OPA2607-Q1
SBOSA38A – FEBRUARY 2021 – REVISED APRIL 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA607-Q1 OPA2607-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com